データシートサーチシステム |
|
TL081BCP データシート(PDF) 10 Page - Texas Instruments |
|
|
TL081BCP データシート(HTML) 10 Page - Texas Instruments |
10 / 37 page TL081, TL081A, TL081B, TL082, TL082A, TL082B TL084, TL084A, TL084B JFET INPUT OPERATIONAL AMPLIFIERS SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 7 0 ±2.5 ±5 ±7.5 ±10 ±12.5 ±15 10 k 40 k 100 k 400 k 1 M 4 M 10 M VCC ± = ±15 V RL = 2 kΩ See Figure 2 TA = − 55°C TA = 25°C TA = 125°C f − Frequency − Hz MAXIMUM PEAK OUTPUT VOLTAGE vs FREQUENCY Figure 8 ±12.5 ±10 ±7.5 ±5 ±2.5 MAXIMUM PEAK OUTPUT VOLTAGE vs FREE-AIR TEMPERATURE − 75 − 50 − 25 0 25 50 75 100 125 ±15 0 RL = 10 kW RL = 2 kW VCC ± = ±15 V See Figure 2 TA − Free-Air Temperature − °C Figure 9 0.1 0 RL − Load Resistance − kΩ 10 ±15 ±2.5 ±5 ±7.5 ±10 ±12.5 VCC ± = ±15 V TA = 25°C See Figure 2 0.2 0.4 0.7 1 2 4 7 MAXIMUM PEAK OUTPUT VOLTAGE vs LOAD RESISTANCE Figure 10 0 0 |VCC ±| − Supply Voltage − V 16 ±15 2 4 6 8 10 12 14 ±2.5 ±5 ±7.5 ±10 ±12.5 RL = 10 kΩ TA = 25°C MAXIMUM PEAK OUTPUT VOLTAGE vs SUPPLY VOLTAGE † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |
同様の部品番号 - TL081BCP |
|
同様の説明 - TL081BCP |