データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LV244ADWG4 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74LV244ADWG4
部品情報  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74LV244ADWG4 データシート(HTML) 5 Page - Texas Instruments

  SN74LV244ADWG4 Datasheet HTML 1Page - Texas Instruments SN74LV244ADWG4 Datasheet HTML 2Page - Texas Instruments SN74LV244ADWG4 Datasheet HTML 3Page - Texas Instruments SN74LV244ADWG4 Datasheet HTML 4Page - Texas Instruments SN74LV244ADWG4 Datasheet HTML 5Page - Texas Instruments SN74LV244ADWG4 Datasheet HTML 6Page - Texas Instruments SN74LV244ADWG4 Datasheet HTML 7Page - Texas Instruments SN74LV244ADWG4 Datasheet HTML 8Page - Texas Instruments SN74LV244ADWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SN54LV244A, SN74LV244A
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCLS383L − SEPTEMBER 1997 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
SN54LV244A
SN74LV244A
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = −50 μA
2 V to 5.5 V
VCC−0.1
VCC−0.1
V
IOH = −2 mA
2.3 V
2
2
V
VOH
IOH = −8 mA
3 V
2.48
2.48
V
IOH = −16 mA
4.5 V
3.8
3.8
IOL = 50 μA
2 V to 5.5 V
0.1
0.1
V
IOL = 2 mA
2.3 V
0.4
0.4
V
VOL
IOL = 8 mA
3 V
0.44
0.44
V
IOL = 16 mA
4.5 V
0.55
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
±1
μA
IOZ
VO = VCC or GND
5.5 V
±5
±5
μA
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
μA
Ioff
VI or VO = 0 to 5.5 V
0
5
5
μA
Ci
VI = VCC or GND
3.3 V
2.3
2.3
pF
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV244A
SN74LV244A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
7.5*
12.5*
1*
15*
1
15
ten
OE
Y
CL = 15 pF
8.9*
14.6*
1*
17*
1
17
ns
tdis
OE
Y
L
p
9.1*
14.1*
1*
16*
1
16
tpd
A
Y
9.5
15.3
1
18
1
18
ten
OE
Y
C
50 pF
10.8
17.8
1
21
1
21
ns
tdis
OE
Y
CL = 50 pF
13.4
19.2
1
21
1
21
ns
tsk(o)
2
2
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV244A
SN74LV244A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
5.4*
8.4*
1*
10*
1
10
ten
OE
Y
CL = 15 pF
6.3*
10.6*
1*
12.5*
1
12.5
ns
tdis
OE
Y
L
p
7.6*
11.7*
1*
13*
1
13
tpd
A
Y
6.8
11.9
1
13.5
1
13.5
ten
OE
Y
C
50 pF
7.8
14.1
1
16
1
16
ns
tdis
OE
Y
CL = 50 pF
11
16
1
18
1
18
ns
tsk(o)
1.5
1.5
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


同様の部品番号 - SN74LV244ADWG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LV244ADWG4 TI1-SN74LV244ADWG4 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Buffers and Drivers
SN74LV244ADWG4 TI-SN74LV244ADWG4 Datasheet
2Mb / 40P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED DECEMBER 2022
SN74LV244ADWG4 TI-SN74LV244ADWG4 Datasheet
2Mb / 44P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED DECEMBER 2022
SN74LV244ADWG4 TI1-SN74LV244ADWG4 Datasheet
2Mb / 42P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED JANUARY 2023
More results

同様の説明 - SN74LV244ADWG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com