データシートサーチシステム |
|
TL4050C10QDCKR データシート(PDF) 2 Page - Texas Instruments |
|
TL4050C10QDCKR データシート(HTML) 2 Page - Texas Instruments |
2 / 35 page TL4050 SLOS486A – JUNE 2007 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com ORDERING INFORMATION(1) DEVICE ORDERABLE TOP-SIDE TA VKA PACKAGE(2) GRADE PART NUMBER MARKING(3) Reel of 3000 TL4050A25IDBZR SOT-23-3 – DBZ TKE_ Reel of 250 TL4050A25IDBZT 2.5 V Reel of 3000 TL4050A25IDCKR SC-70 – DCK 82_ Reel of 250 TL4050A25IDCKT Reel of 3000 TL4050A41IDBZR SOT-23-3 – DBZ TKL_ Reel of 250 TL4050A41IDBZT 4.096 V A grade: Reel of 3000 TL4050A41IDCKR 0.1% initial SC-70 – DCK 8E_ Reel of 250 TL4050A41IDCKT accuracy and 50 ppm/°C Reel of 3000 TL4050A50IDBZR SOT-23-3 – DBZ TKS_ temperature Reel of 250 TL4050A50IDBZT coefficient 5 V Reel of 3000 TL4050A50IDCKR SC-70 – DCK 8L_ Reel of 250 TL4050A50IDCKT Reel of 3000 TL4050A10IDBZR SOT-23-3 – DBZ TK2_ Reel of 250 TL4050A10IDBZT 10 V Reel of 3000 TL4050A10IDCKR SC-70 – DCK 8Z_ Reel of 250 TL4050A10IDCKT –40°C to 85°C Reel of 3000 TL4050B25IDBZR SOT-23-3 – DBZ TKF_ Reel of 250 TL4050B25IDBZT 2.5 V Reel of 3000 TL4050B25IDCKR SC-70 – DCK 83_ Reel of 250 TL4050B25IDCKT Reel of 3000 TL4050B41IDBZR SOT-23-3 – DBZ TKM_ Reel of 250 TL4050B41IDBZT 4.096 V B grade: Reel of 3000 TL4050B41IDCKR 0.2% initial SC-70 – DCK 8F_ Reel of 250 TL4050B41IDCKT accuracy and 50 ppm/°C Reel of 3000 TL4050B50IDBZR SOT-23-3 – DBZ TKT_ temperature Reel of 250 TL4050B50IDBZT coefficient 5 V Reel of 3000 TL4050B50IDCKR SC-70 – DCK 8M_ Reel of 250 TL4050B50IDCKT Reel of 3000 TL4050B10IDBZR SOT-23-3 – DBZ TK3_ Reel of 250 TL4050B10IDBZT 10 V Reel of 3000 TL4050B10IDCKR SC-70 – DCK 92_ Reel of 250 TL4050B10IDCKT (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) The actual top-side marking has one additional character that designates the wafer fab/assembly site. 2 Submit Documentation Feedback Copyright © 2007–2009, Texas Instruments Incorporated Product Folder Link(s): TL4050 |
同様の部品番号 - TL4050C10QDCKR |
|
同様の説明 - TL4050C10QDCKR |