データシートサーチシステム |
|
LM3S9B95-EGZ25-C1 データシート(PDF) 11 Page - Texas Instruments |
|
LM3S9B95-EGZ25-C1 データシート(HTML) 11 Page - Texas Instruments |
11 / 1282 page Figure 10-21. EPI Clock Operation, CLKGATE=1, WR2CYC=0 ................................................. 387 Figure 10-22. EPI Clock Operation, CLKGATE=1, WR2CYC=1 ................................................. 388 Figure 11-1. GPTM Module Block Diagram ............................................................................ 434 Figure 11-2. 16-Bit Input Edge-Count Mode Example .............................................................. 441 Figure 11-3. 16-Bit Input Edge-Time Mode Example ............................................................... 443 Figure 11-4. 16-Bit PWM Mode Example ................................................................................ 444 Figure 11-5. Timer Daisy Chain ............................................................................................. 444 Figure 12-1. WDT Module Block Diagram .............................................................................. 482 Figure 13-1. Implementation of Two ADC Blocks .................................................................... 507 Figure 13-2. ADC Module Block Diagram ............................................................................... 507 Figure 13-3. ADC Sample Phases ......................................................................................... 512 Figure 13-4. Doubling the ADC Sample Rate .......................................................................... 512 Figure 13-5. Skewed Sampling .............................................................................................. 513 Figure 13-6. Internal Voltage Conversion Result ..................................................................... 514 Figure 13-7. External Voltage Conversion Result .................................................................... 515 Figure 13-8. Differential Sampling Range, VIN_ODD = 1.5 V ...................................................... 516 Figure 13-9. Differential Sampling Range, VIN_ODD = 0.75 V .................................................... 517 Figure 13-10. Differential Sampling Range, VIN_ODD = 2.25 V .................................................... 517 Figure 13-11. Internal Temperature Sensor Characteristic ......................................................... 518 Figure 13-12. Low-Band Operation (CIC=0x0 and/or CTC=0x0) ................................................ 521 Figure 13-13. Mid-Band Operation (CIC=0x1 and/or CTC=0x1) ................................................. 522 Figure 13-14. High-Band Operation (CIC=0x3 and/or CTC=0x3) ................................................ 523 Figure 14-1. UART Module Block Diagram ............................................................................. 585 Figure 14-2. UART Character Frame ..................................................................................... 588 Figure 14-3. IrDA Data Modulation ......................................................................................... 590 Figure 14-4. LIN Message ..................................................................................................... 592 Figure 14-5. LIN Synchronization Field ................................................................................... 593 Figure 15-1. SSI Module Block Diagram ................................................................................. 647 Figure 15-2. TI Synchronous Serial Frame Format (Single Transfer) ........................................ 651 Figure 15-3. TI Synchronous Serial Frame Format (Continuous Transfer) ................................ 651 Figure 15-4. Freescale SPI Format (Single Transfer) with SPO=0 and SPH=0 .......................... 652 Figure 15-5. Freescale SPI Format (Continuous Transfer) with SPO=0 and SPH=0 .................. 652 Figure 15-6. Freescale SPI Frame Format with SPO=0 and SPH=1 ......................................... 653 Figure 15-7. Freescale SPI Frame Format (Single Transfer) with SPO=1 and SPH=0 ............... 654 Figure 15-8. Freescale SPI Frame Format (Continuous Transfer) with SPO=1 and SPH=0 ........ 654 Figure 15-9. Freescale SPI Frame Format with SPO=1 and SPH=1 ......................................... 655 Figure 15-10. MICROWIRE Frame Format (Single Frame) ........................................................ 656 Figure 15-11. MICROWIRE Frame Format (Continuous Transfer) ............................................. 657 Figure 15-12. MICROWIRE Frame Format, SSIFss Input Setup and Hold Requirements ............ 657 Figure 16-1. I2C Block Diagram ............................................................................................. 689 Figure 16-2. I2C Bus Configuration ........................................................................................ 690 Figure 16-3. START and STOP Conditions ............................................................................. 691 Figure 16-4. Complete Data Transfer with a 7-Bit Address ....................................................... 691 Figure 16-5. R/S Bit in First Byte ............................................................................................ 691 Figure 16-6. Data Validity During Bit Transfer on the I2C Bus ................................................... 692 Figure 16-7. Master Single TRANSMIT .................................................................................. 695 Figure 16-8. Master Single RECEIVE ..................................................................................... 696 Figure 16-9. Master TRANSMIT with Repeated START ........................................................... 697 11 June 14, 2010 Texas Instruments-Advance Information Stellaris® LM3S9B95 Microcontroller |
同様の部品番号 - LM3S9B95-EGZ25-C1 |
|
同様の説明 - LM3S9B95-EGZ25-C1 |