データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIA517DJ データシート(PDF) 10 Page - Vishay Siliconix

部品番号 SIA517DJ
部品情報  N- and P-Channel 12-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA517DJ データシート(HTML) 10 Page - Vishay Siliconix

Back Button SIA517DJ Datasheet HTML 4Page - Vishay Siliconix SIA517DJ Datasheet HTML 5Page - Vishay Siliconix SIA517DJ Datasheet HTML 6Page - Vishay Siliconix SIA517DJ Datasheet HTML 7Page - Vishay Siliconix SIA517DJ Datasheet HTML 8Page - Vishay Siliconix SIA517DJ Datasheet HTML 9Page - Vishay Siliconix SIA517DJ Datasheet HTML 10Page - Vishay Siliconix SIA517DJ Datasheet HTML 11Page - Vishay Siliconix SIA517DJ Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.vishay.com
10
Document Number: 64832
S09-0861-Rev. A, 18-May-09
Vishay Siliconix
SiA517DJ
New Product
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
2
4
6
8
10
12
0
25
50
75
100
125
150
Package Limited
TC - Case Temperature (°C)
Power Derating
0
2
4
6
8
25
50
75
100
125
150
TC - Case Temperature (°C)


同様の部品番号 - SIA517DJ

メーカー部品番号データシート部品情報
logo
Vishay Telefunken
SIA517DJ TFUNK-SIA517DJ Datasheet
323Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
SIA517DJ KEXIN-SIA517DJ Datasheet
3Mb / 10P
   Complementary Trench MOSFET
logo
Vishay Siliconix
SIA517DJ VISHAY-SIA517DJ Datasheet
326Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA517DJ VISHAY-SIA517DJ_V01 Datasheet
326Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SIA517DJ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIA527DJ VISHAY-SIA527DJ Datasheet
333Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 29-Jul-13
SMMA511DJ VISHAY-SMMA511DJ Datasheet
264Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
Rev. B, 05-Oct-09
SI7540DP VISHAY-SI7540DP Datasheet
74Kb / 8P
   N- and P-Channel 12-V (D-S) MOSFET
Rev.. C, 16-Dec-02
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI7540DP TFUNK-SI7540DP Datasheet
365Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SIA511DJ VISHAY-SIA511DJ Datasheet
321Kb / 6P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 19-Nov-07
SIA517DJ VISHAY-SIA517DJ_V01 Datasheet
326Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Shenzhen Tuofeng Semico...
SIA517 TUOFENG-SIA517 Datasheet
3Mb / 10P
   N- and P-Channel 12-V (D-S) MOSFET
Feb,2018 V1.0
logo
DinTek Semiconductor Co...
DTQ2D106 DINTEK-DTQ2D106 Datasheet
1Mb / 9P
   N- and P-Channel 12 V (D-S) MOSFET
REV 1.0
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_09 Datasheet
534Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com