データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3112D1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3112D1
部品情報  25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3112D1 データシート(HTML) 3 Page - Texas Instruments

  TPA3112D1 Datasheet HTML 1Page - Texas Instruments TPA3112D1 Datasheet HTML 2Page - Texas Instruments TPA3112D1 Datasheet HTML 3Page - Texas Instruments TPA3112D1 Datasheet HTML 4Page - Texas Instruments TPA3112D1 Datasheet HTML 5Page - Texas Instruments TPA3112D1 Datasheet HTML 6Page - Texas Instruments TPA3112D1 Datasheet HTML 7Page - Texas Instruments TPA3112D1 Datasheet HTML 8Page - Texas Instruments TPA3112D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TPA3112D1
www.ti.com
SLOS654A – SEPTEMBER 2009 – REVISED JULY 2010
DC CHARACTERISTICS
TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0 V, Gain = 36 dB
1.5
15
mV
differentially)
ICC
Quiescent supply current
SD = 2 V, no load, PVcc=21V
40
mA
ICC(SD)
Quiescent supply current in shutdown mode
SD = 0.8 V, no load, PVcc=21V
400
µA
High Side
240
IO = 500 mA,
rDS(on)
Drain-source on-state resistance
m
TJ = 25°C
Low side
240
GAIN0 = 0.8 V
19
20
21
GAIN1 = 0.8 V
dB
GAIN0 = 2 V
25
26
27
G
Gain
GAIN0 = 0.8 V
31
32
33
GAIN1 = 2 V
dB
GAIN0 = 2 V
35
36
37
tON
Turn-on time
SD = 2 V
10
ms
tOFF
Turn-off time
SD = 0.8 V
2
ms
GVDD
Gate Drive Supply
IGVDD = 2mA
6.5
6.9
7.3
V
DC CHARACTERISTICS
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0 V, Gain = 36 dB
1.5
15
mV
differentially)
ICC
Quiescent supply current
SD = 2 V, no load, PVcc=12V
20
mA
ICC(SD)
Quiescent supply current in shutdown mode
SD = 0.8 V, no load, PVcc=12V
200
µA
High Side
240
IO = 500 mA,
rDS(on)
Drain-source on-state resistance
m
TJ = 25°C
Low side
240
GAIN0 = 0.8 V
19
20
21
GAIN1 = 0.8 V
dB
GAIN0 = 2 V
25
26
27
G
Gain
GAIN0 = 0.8 V
31
32
33
GAIN1 = 2 V
dB
GAIN0 = 2 V
35
36
37
tON
Turn-on time
SD = 2 V
10
ms
tOFF
Turn-off time
SD = 0.8 V
2
ms
GVDD
Gate Drive Supply
IGVDD = 2mA
6.5
6.9
7.3
V
PLIMIT
Output Voltage maximum under PLIMIT
VPLIMIT=2.0 V; VI=6.0V differential
6.75
7.90
8.75
V
control
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPA3112D1


同様の部品番号 - TPA3112D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
964Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
More results

同様の説明 - TPA3112D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3112D1EVM TI-TPA3112D1EVM Datasheet
964Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1_101 TI-TPA3112D1_101 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI1-TPA3111D1_17 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1_101 TI-TPA3111D1_101 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1_10 Datasheet
840Kb / 28P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com