データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV431AQPKG3 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV431AQPKG3
部品情報  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV431AQPKG3 データシート(HTML) 3 Page - Texas Instruments

  TLV431AQPKG3 Datasheet HTML 1Page - Texas Instruments TLV431AQPKG3 Datasheet HTML 2Page - Texas Instruments TLV431AQPKG3 Datasheet HTML 3Page - Texas Instruments TLV431AQPKG3 Datasheet HTML 4Page - Texas Instruments TLV431AQPKG3 Datasheet HTML 5Page - Texas Instruments TLV431AQPKG3 Datasheet HTML 6Page - Texas Instruments TLV431AQPKG3 Datasheet HTML 7Page - Texas Instruments TLV431AQPKG3 Datasheet HTML 8Page - Texas Instruments TLV431AQPKG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
TLV431, TLV431A, TLV431B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS139T − JULY 1996 − REVISED JUNE 2007
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION (continued)
TJ
25
5C VREF
TOLERANCE
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SC 70 (DCK)
Reel of 3000
TLV431BIDCKR
YF
SC-70 (DCK)
Reel of 250
TLV431BIDCKT
YF_
SOT 23 5 (DBV)
Reel of 3000
TLV431BIDBVR
Y3F
05%
SOT-23-5 (DBV)
Reel of 250
TLV431BIDBVT
Y3F_
0.5%
SOT 23 3 (DBZ)
Reel of 3000
TLV431BIDBZR
Y3F
SOT-23-3 (DBZ)
Reel of 250
TLV431BIDBZT
Y3F_
TO 92 (LP)
Bulk of 1000
TLV431BILP
TY431B
TO-92 (LP)
Reel of 2000
TLV431BILPR
TY431B
SOIC (D)
Tube of 75
TLV431AID
TY431A
SOIC (D)
Reel of 2500
TLV431AIDR
TY431A
SOT 23 5 (DBV)
Reel of 3000
TLV431AIDBVR
YAI
−40
°C to 85°C
SOT-23-5 (DBV)
Reel of 250
TLV431AIDBVT
YAI_
1%
SOT-23-3 (DBZ)
Reel of 3000
TLV431AIDBZR
YAI_
1%
SOT-89 (PK)
Reel of 1000
TLV431BIPK
VF
Bulk of 1000
TLV431AILP
TO-92 (LP)
Ammo of 2000
TLV431AILPM
V431AI
TO 92 (LP)
Reel of 2000
TLV431AILPR
V431AI
SOT 23 5 (DBV)
Reel of 3000
TLV431IDBVR
Y3I
SOT-23-5 (DBV)
Reel of 250
TLV431IDBVT
Y3I_
1.5%
SOT-23-3 (DBZ)
Reel of 3000
TLV431IDBZR
Y3I_
1.5%
TO 92 (LP)
Bulk of 1000
TLV431ILP
V431I
TO-92 (LP)
Reel of 2000
TLV431ILPR
V431I
SC 70 (DCK)
Reel of 3000
TLV431BQDCKR
YG
SC-70 (DCK)
Reel of 250
TLV431BQDCKT
YG_
SOT 23 5 (DBV)
Reel of 3000
TLV431BQDBVR
Y3H
SOT-23-5 (DBV)
Reel of 250
TLV431BQDBVT
Y3H_
0.5%
SOT 23 3 (DBZ)
Reel of 3000
TLV431BQDBZR
Y3H
−40
°C to 125°C
0.5%
SOT-23-3 (DBZ)
Reel of 250
TLV431BQDBZT
Y3H_
40 C to 125 C
SOT-89 (PK)
Reel of 1000
TLV431BQPK
V6
TO 92 (LP)
Bulk of 1000
TLV431BQLP
TQ431B
TO-92 (LP)
Reel of 2000
TLV431BQLPR
TQ431B
1%
SOT-89 (PK)
Reel of 1000
TLV431AQPK
VA
1.5%
SOT-89 (PK)
Reel of 1000
TLV431QPK
VB
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.


同様の部品番号 - TLV431AQPKG3

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV431AQPKG3 TI-TLV431AQPKG3 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431AQPKG3 TI-TLV431AQPKG3 Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431AQPKG3 TI-TLV431AQPKG3 Datasheet
1,015Kb / 39P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431AQPKG3 TI1-TLV431AQPKG3 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulator
More results

同様の説明 - TLV431AQPKG3

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com