データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3671TL-ADJ データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM3671TL-ADJ
部品情報  2MHz, 600mA Step-Down DC-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671TL-ADJ データシート(HTML) 5 Page - National Semiconductor (TI)

  LM3671TL-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Ordering Information (5-bump Micro SMD)
Voltage Option
Order Number
Spec
Package Marking
Supplied As
ADJ
LM3671TL-ADJ
NOPB
E
250 units, Tape-and-Reel
LM3671TLX-ADJ
NOPB
3000 units, Tape-and-Reel
LM3671TL-ADJ
250 units, Tape-and-Reel
LM3671TLX-ADJ
3000 units, Tape-and-Reel
1.2
LM3671TL-1.2
NOPB
C
250 units, Tape-and-Reel
LM3671TLX-1.2
NOPB
3000 units, Tape-and-Reel
LM3671TL-1.2
250 units, Tape-and-Reel
LM3671TLX-1.2
3000 units, Tape-and-Reel
1.5
LM3671TL-1.5
NOPB
D
250 units, Tape-and-Reel
LM3671TLX-1.5
NOPB
3000 units, Tape-and-Reel
LM3671TL-1.5
250 units, Tape-and-Reel
LM3671TLX-1.5
3000 units, Tape-and-Reel
1.8
LM3671TL-1.8
NOPB
B
250 units, Tape-and-Reel
LM3671TLX-1.8
NOPB
3000 units, Tape-and-Reel
LM3671TL-1.8
250 units, Tape-and-Reel
LM3671TLX-1.8
3000 units, Tape-and-Reel
1.875
LM3671TL-1.875
NOPB
S
250 units, Tape-and-Reel
LM3671TLX-1.875
NOPB
3000 units, Tape-and-Reel
LM3671TL-1.875
250 units, Tape-and-Reel
LM3671TLX-1.875
3000 units, Tape-and-Reel
2.5
LM3671TL-2.5
NOPB
L
250 units, Tape-and-Reel
LM3671TLX-2.5
NOPB
3000 units, Tape-and-Reel
LM3671TL-2.5
250 units, Tape-and-Reel
LM3671TLX-2.5
3000 units, Tape-and-Reel
2.8
LM3671TL-2.8
NOPB
K
250 units, Tape-and-Reel
LM3671TLX-2.8
NOPB
3000 units, Tape-and-Reel
LM3671TL-2.8
250 units, Tape-and-Reel
LM3671TLX-2.8
3000 units, Tape-and-Reel
3.3
LM3671TL-3.3
NOPB
J
250 units, Tape-and-Reel
LM3671TLX-3.3
NOPB
3000 units, Tape-and-Reel
LM3671TL-3.3
250 units, Tape-and-Reel
LM3671TLX-3.3
3000 units, Tape-and-Reel
Ordering Information (6-Pin LLP)
Voltage Option
Order Number
Spec
Package Marking
Supplied As
1.2
LM3671LC-1.2
NOPB
S39
1000 units, Tape-and-Reel
LM3671LCX-1.2
NOPB
4500 units, Tape-and-Reel
1.3
LM3671LC-1.3
NOPB
S40
1000 units, Tape-and-Reel
LM3671LCX-1.3
NOPB
4500 units, Tape-and-Reel
1.6
LM3671LC-1.6
NOPB
S41
1000 units, Tape-and-Reel
LM3671LCX-1.6
NOPB
4500 units, Tape-and-Reel
1.8
LM3671LC-1.8
NOPB
S42
1000 units, Tape-and-Reel
LM3671LCX-1.8
NOPB
4500 units, Tape-and-Reel
5
www.national.com


同様の部品番号 - LM3671TL-ADJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3671TL-ADJ/NOPB TI1-LM3671TL-ADJ/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671TL-ADJ/NOPB TI1-LM3671TL-ADJ/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

同様の説明 - LM3671TL-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com