データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3671TL-ADJ データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM3671TL-ADJ
部品情報  2MHz, 600mA Step-Down DC-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671TL-ADJ データシート(HTML) 1 Page - National Semiconductor (TI)

  LM3671TL-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM3671TL-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
October 28, 2008
LM3671
2MHz, 600mA Step-Down DC-DC Converter
General Description
The LM3671 step-down DC-DC converter is optimized for
powering low voltage circuits from a single Li-Ion cell battery
and input voltage rails from 2.7V to 5.5V. It provides up to
600mA load current, over the entire input voltage range.
There are several different fixed voltage output options avail-
able as well as an adjustable output voltage version range
from 1.1V to 3.3V.
The device offers superior features and performance for mo-
bile phones and similar portable systems. Automatic intelli-
gent switching between PWM low-noise and PFM low-current
mode offers improved system control. During PWM mode, the
device operates at a fixed-frequency of 2 MHz (typ.). Hys-
teretic PFM mode extends the battery life by reducing the
quiescent current to 16 µA (typ.) during light load and standby
operation. Internal synchronous rectification provides high ef-
ficiency during PWM mode operation. In shutdown mode, the
device turns off and reduces battery consumption to 0.01 µA
(typ.).
The LM3671 is available in SOT23-5, tiny 5-bump micro SMD
and a 6-pin LLP packages in leaded (PB) and lead-free (NO
PB) versions. A high switching frequency of 2 MHz (typ.) al-
lows use of tiny surface-mount components. Only three ex-
ternal surface-mount components, an inductor and two
ceramic capacitors, are required.
Features
16 µA typical quiescent current
600 mA maximum load capability
2 MHz PWM fixed switching frequency (typ.)
Automatic PFM/PWM mode switching
Internal synchronous rectification for high efficiency
Internal soft start
0.01 µA typical shutdown current
Operates from a single Li-Ion cell battery
Only three tiny surface-mount external components
required (one inductor, two ceramic capacitors)
Current overload and Thermal shutdown protection
Available in fixed output voltages and adjustable version
SOT23-5, 5-bump micro SMD and 6-pin LLP packages
Applications
Mobile phones
PDAs
MP3 players
W-LAN
Portable instruments
Digital still cameras
Portable Hard disk drives
Typical Application Circuits
20108401
FIGURE 1. Typical Application Circuit
© 2008 National Semiconductor Corporation
201084
www.national.com


同様の部品番号 - LM3671TL-ADJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3671TL-ADJ/NOPB TI1-LM3671TL-ADJ/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671TL-ADJ/NOPB TI1-LM3671TL-ADJ/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

同様の説明 - LM3671TL-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com