データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AVCH2T45 データシート(PDF) 8 Page - Texas Instruments

部品番号 SN74AVCH2T45
部品情報  DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH2T45 データシート(HTML) 8 Page - Texas Instruments

Back Button SN74AVCH2T45_09 Datasheet HTML 4Page - Texas Instruments SN74AVCH2T45_09 Datasheet HTML 5Page - Texas Instruments SN74AVCH2T45_09 Datasheet HTML 6Page - Texas Instruments SN74AVCH2T45_09 Datasheet HTML 7Page - Texas Instruments SN74AVCH2T45_09 Datasheet HTML 8Page - Texas Instruments SN74AVCH2T45_09 Datasheet HTML 9Page - Texas Instruments SN74AVCH2T45_09 Datasheet HTML 10Page - Texas Instruments SN74AVCH2T45_09 Datasheet HTML 11Page - Texas Instruments SN74AVCH2T45_09 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVCH2T45
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES582F – JULY 2004 – REVISED NOVEMBER 2007
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.6
0.4
4.9
0.2
4
0.2
3
0.2
2.6
A
B
ns
tPHL
2.6
0.4
4.9
0.2
4
0.2
3
0.2
2.6
tPLH
2.1
0.6
3.8
0.5
3.4
0.4
3
0.3
2.8
B
A
ns
tPHL
2.1
0.6
3.8
0.5
3.4
0.4
3
0.3
2.8
tPHZ
2.4
0.7
7.9
0.8
6.4
0.8
5
0.5
4.3
DIR
A
ns
tPLZ
2.4
0.7
7.9
0.8
6.4
0.8
5
0.5
4.3
tPHZ
3.8
1
4.3
0.6
4.3
0.5
4.2
1.1
4.1
DIR
B
ns
tPLZ
3.8
1
4.3
0.6
4.3
0.5
4.2
1.1
4.1
tPZH
(1)
5.9
8.5
7.7
7.2
6.9
DIR
A
ns
tPZL
(1)
5.9
8.5
7.7
7.2
6.9
tPZH
(1)
5
12.8
10.4
8
6.9
DIR
B
ns
tPZL
(1)
5
12.8
10.4
8
6.9
(1)
The enable time is a calculated value derived using the formula shown in the enable times section.
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.5
0.3
4.7
0.2
3.8
0.2
2.8
0.2
2.4
A
B
ns
tPHL
2.5
0.3
4.7
0.2
3.8
0.2
2.8
0.2
2.4
tPLH
2.1
0.6
3.6
0.4
3.1
0.3
2.6
0.3
2.4
B
A
ns
tPHL
2.1
0.6
3.6
0.4
3.1
0.3
2.6
0.3
2.4
tPHZ
2.9
1.1
8
1
6.5
1.3
4.7
1.2
4
DIR
A
ns
tPLZ
2.9
1.1
8
1
6.5
1.3
4.7
1.2
4
tPHZ
3.4
0.5
6.6
0.3
5.6
0.3
4.6
1.1
4.2
DIR
B
ns
tPLZ
3.4
0.5
6.6
0.3
5.6
0.3
4.6
1.1
4.2
tPZH
(1)
5.5
10.2
8.7
7.2
6.6
DIR
A
ns
tPZL
(1)
5.5
10.2
8.7
7.2
6.6
tPZH
(1)
5.4
12.7
10.3
7.5
6.4
DIR
B
ns
tPZL
(1)
5.4
12.7
10.3
7.5
6.4
(1)
The enable time is a calculated value derived using the formula shown in the enable times section.
8
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): SN74AVCH2T45


同様の部品番号 - SN74AVCH2T45_09

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVCH2T45DCTR TI-SN74AVCH2T45DCTR Datasheet
418Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45DCTR TI1-SN74AVCH2T45DCTR Datasheet
985Kb / 31P
[Old version datasheet]   2-Supply, Bus Transceiver with Configurable Level-Shifting
SN74AVCH2T45DCTR TI1-SN74AVCH2T45DCTR Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
SN74AVCH2T45DCTT TI-SN74AVCH2T45DCTT Datasheet
418Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45DCTT TI1-SN74AVCH2T45DCTT Datasheet
985Kb / 31P
[Old version datasheet]   2-Supply, Bus Transceiver with Configurable Level-Shifting
More results

同様の説明 - SN74AVCH2T45_09

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
427Kb / 22P
[Old version datasheet]   DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_08 Datasheet
628Kb / 26P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245_10 Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
395Kb / 14P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com