データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A24157DGSR データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3A24157DGSR
部品情報  0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3A24157DGSR データシート(HTML) 5 Page - Texas Instruments

  TS3A24157DGSR Datasheet HTML 1Page - Texas Instruments TS3A24157DGSR Datasheet HTML 2Page - Texas Instruments TS3A24157DGSR Datasheet HTML 3Page - Texas Instruments TS3A24157DGSR Datasheet HTML 4Page - Texas Instruments TS3A24157DGSR Datasheet HTML 5Page - Texas Instruments TS3A24157DGSR Datasheet HTML 6Page - Texas Instruments TS3A24157DGSR Datasheet HTML 7Page - Texas Instruments TS3A24157DGSR Datasheet HTML 8Page - Texas Instruments TS3A24157DGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
Electrical Characteristics for 2.5-V Supply
(1)
TS3A24157
0.65-
Ω DUAL SPDT ANALOG SWITCH
DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS208A – JUNE 2007 – REVISED SEPTEMBER 2007
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
25
°C
0.55
0.75
Peak ON
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
rpeak
2.3 V
resistance
ICOM = –8 mA,
See Figure 10
Full
0.9
25
°C
0.56
0.75
ON-state
VNO or VNC = 1.8 V,
Switch ON,
ron
2.3 V
resistance
ICOM = –8 mA,
See Figure 10
Full
0.85
ON-state
25
°C
0.1
0.15
VNO or VNC = 1.8 V, 0.8 V,
Switch ON,
resistance match
Δron
2.3 V
ICOM = –8 mA,
See Figure 10
Full
0.15
between channels
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
25
°C
0.1
0.15
ICOM = –8 mA,
See Figure 10
ON-state
ron(flat)
2.3 V
resistance flatness
25
°C
0.17
VNO or VNC = 0.8 V, 1.8 V,
Switch ON,
ICOM = –8 mA,
See Figure 10
Full
0.2
NC, NO
VNC or VNO = 0.5 V, VCOM = 2.2 V,
25
°C
–50
50
INC(OFF),
Switch OFF,
OFF leakage
or
2.7 V
nA
INO(OFF)
See Figure 11
Full
–250
250
current
VNC or VNO = 2.2 V, VCOM = 0.5 V,
NC, NO
VNC or VNO = 0.5 V, VCOM = Open,
25
°C
–50
50
INC(ON),
Switch ON,
ON leakage
or
2.7 V
nA
INO(ON)
See Figure 12
Full
–400
400
current
VNC or VNO = 2.2 V, VCOM = Open,
COM
VNC or VNO = Open, VCOM = 0.5 V,
25
°C
–50
50
Switch ON,
ON leakage
ICOM(ON)
or
2.7 V
nA
See Figure 12
Full
–400
400
current
VNC or VNO = Open, VCOM = 2.2 V,
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
1.25
V
Input logic low
VIL
Full
0.5
V
25
°C
–50
50
Input leakage
IIH, IIL
VI = 2.7 V or 0
2.7 V
nA
current
Full
–50
50
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS3A24157


同様の部品番号 - TS3A24157DGSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A24157DGSR TI-TS3A24157DGSR Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157DGSR TI-TS3A24157DGSR Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157DGSR TI-TS3A24157DGSR Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157DGSRG4 TI-TS3A24157DGSRG4 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157DGSRG4 TI-TS3A24157DGSRG4 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

同様の説明 - TS3A24157DGSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159 Datasheet
476Kb / 21P
[Old version datasheet]   0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com