データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL3L100 データシート(PDF) 4 Page - Texas Instruments

部品番号 TL3L100
部品情報  QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL3L100 データシート(HTML) 4 Page - Texas Instruments

  TL3L100 Datasheet HTML 1Page - Texas Instruments TL3L100 Datasheet HTML 2Page - Texas Instruments TL3L100 Datasheet HTML 3Page - Texas Instruments TL3L100 Datasheet HTML 4Page - Texas Instruments TL3L100 Datasheet HTML 5Page - Texas Instruments TL3L100 Datasheet HTML 6Page - Texas Instruments TL3L100 Datasheet HTML 7Page - Texas Instruments TL3L100 Datasheet HTML 8Page - Texas Instruments TL3L100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TS3L100
QUAD SPDT WIDEBANDWIDTH LAN SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS161A − MAY 2004 – REVISED OCTOBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Control input voltage range, VIN (see Notes 1 and 2)
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Switch I/O voltage range, VI/O (see Notes 1, 2, and 3)
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Control input clamp current, IIK (VIN < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O port clamp current, II/OK (VI/O < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ON-state switch current, II/O (see Note 4)
±128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND terminals
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 5): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
82
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DBQ package
90
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to ground, unless otherwise specified.
2. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
3. VI and VO are used to denote specific conditions for VI/O.
4. II and IO are used to denote specific conditions for II/O.
5. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 6)
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VIH
High-level control input voltage (E, S)
2
VCC
V
VIL
Low-level control input voltage (E, S)
0
0.8
V
TA
Operating free-air temperature
0
70
°C
NOTE 6: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


同様の部品番号 - TL3L100

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Revision: 22-Jun-17
logo
TiMOTION Technology Co....
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
   Max. load 4,000N (push)
20220411-V
logo
Banner Engineering Corp...
TL30 BANNER-TL30 Datasheet
807Kb / 6P
   TL30 Basic Tower Light
logo
Transko Electronics, In...
TL3002V TRANSKO-TL3002V Datasheet
452Kb / 4P
   300.00 MHz IF SAW Filter / 3.66 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL3007S TRANSKO-TL3007S Datasheet
452Kb / 3P
   300.00 MHz IF SAW Filter / 9.20 MHz Bandwidth
Revision 1: 29 Oct. 2007
More results

同様の説明 - TL3L100

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5L100 TI-TS5L100_10 Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100 TI-TS3L100 Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS5L100 TI-TS5L100 Datasheet
506Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com