データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G97DRLR データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP1G97DRLR
部品情報  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G97DRLR データシート(HTML) 8 Page - Texas Instruments

Back Button SN74AUP1G97DRLR Datasheet HTML 4Page - Texas Instruments SN74AUP1G97DRLR Datasheet HTML 5Page - Texas Instruments SN74AUP1G97DRLR Datasheet HTML 6Page - Texas Instruments SN74AUP1G97DRLR Datasheet HTML 7Page - Texas Instruments SN74AUP1G97DRLR Datasheet HTML 8Page - Texas Instruments SN74AUP1G97DRLR Datasheet HTML 9Page - Texas Instruments SN74AUP1G97DRLR Datasheet HTML 10Page - Texas Instruments SN74AUP1G97DRLR Datasheet HTML 11Page - Texas Instruments SN74AUP1G97DRLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SN74AUP1G97
SCES505J – NOVEMBER 2003 – REVISED MAY 2010
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 10 and Figure 11)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
23.1
1.2 V ± 0.1 V
3.1
9.1
13.9
2.6
17.6
1.5 V ± 0.1 V
2.1
6.4
9.4
1.6
11.4
tpd
A, B, or C
Y
ns
1.8 V ± 0.15 V
1.6
5.1
7.5
1.1
9.2
2.5 V ± 0.2 V
1.1
3.6
5.7
0.6
6.8
3.3 V ± 0.3 V
1
2.8
4.7
0.5
5.6
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 10 and Figure 11)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
26.2
1.2 V ± 0.1 V
5.2
10.4
15.4
4.7
19.2
1.5 V ± 0.1 V
4
7.4
10.7
3.5
12.7
tpd
A, B, or C
Y
ns
1.8 V ± 0.15 V
3.1
6
8.6
2.6
10.5
2.5 V ± 0.2 V
2.7
4.3
6.5
2.2
7.8
3.3 V ± 0.3 V
2.5
3.4
5.4
2
6.4
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 10 and Figure 11)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
28.9
1.2 V ± 0.1 V
4.1
11.5
16.8
3.6
21.3
1.5 V ± 0.1 V
3
8.3
11.8
2.5
14.1
tpd
A, B, or C
Y
ns
1.8 V ± 0.15 V
2.3
6.7
9.5
1.8
11.6
2.5 V ± 0.2 V
1.7
4.8
7.2
1.2
8.6
3.3 V ± 0.3 V
1.4
3.9
6
0.9
7.1
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 10 and Figure 11)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
36.7
1.2 V ± 0.1 V
5.5
14.6
21.4
5
26.7
1.5 V ± 0.1 V
4.1
10.5
14.8
3.6
17.7
tpd
A, B, or C
Y
ns
1.8 V ± 0.15 V
3.3
8.6
11.8
2.8
14.5
2.5 V ± 0.2 V
2.5
6.3
8.8
2
10.6
3.3 V ± 0.3 V
2.1
5.1
7.3
1.6
8.8
8
Submit Documentation Feedback
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G97


同様の部品番号 - SN74AUP1G97DRLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

同様の説明 - SN74AUP1G97DRLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com