データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A23166 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A23166
部品情報  0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A23166 データシート(HTML) 8 Page - Texas Instruments

Back Button TS5A23166 Datasheet HTML 4Page - Texas Instruments TS5A23166 Datasheet HTML 5Page - Texas Instruments TS5A23166 Datasheet HTML 6Page - Texas Instruments TS5A23166 Datasheet HTML 7Page - Texas Instruments TS5A23166 Datasheet HTML 8Page - Texas Instruments TS5A23166 Datasheet HTML 9Page - Texas Instruments TS5A23166 Datasheet HTML 10Page - Texas Instruments TS5A23166 Datasheet HTML 11Page - Texas Instruments TS5A23166 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TS5A23166
SCDS196E – MAY 2005 – REVISED MARCH 2010.
www.ti.com
Electrical Characteristics for 2.5-V Supply
(1) (continued)
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
2.5 V
2
6
10
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
2.3 V to
RL = 50 Ω,
See Figure 16
Full
1
12
2.7 V
25°C
2.5 V
4.5
8
12.5
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
2.3 V to
RL = 50 Ω,
See Figure 16
Full
3
15
2.7 V
Charge
VGEN = 0,
CL = 1 nF,
QC
25°C
2.5 V
4
pC
injection
RGEN = 0,
See Figure 20
NO
VNO = V+ or GND,
OFF
CNO(OFF)
See Figure 15
25°C
2.5 V
19.5
pF
Switch OFF,
capacitance
COM
VCOM = V+ or GND,
OFF
CCOM(OFF)
See Figure 15
25°C
2.5 V
18.5
pF
Switch OFF,
capacitance
NO
VNO = V+ or GND,
ON
CNO(ON)
See Figure 15
25°C
2.5 V
36.5
pF
Switch ON,
capacitance
COM
VCOM = V+ or GND,
ON
CCOM(ON)
See Figure 15
25°C
2.5 V
36.5
pF
Switch ON,
capacitance
Digital input
CI
VI = V+ or GND,
See Figure 15
25°C
2.5 V
2
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 17
25°C
2.5 V
150
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
2.5 V
–62
dB
f = 1 MHz,
See Figure 18
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C
2.5 V
–85
dB
f = 1 MHz,
See Figure 19
Total
RL = 600 Ω,
f = 20 Hz to 20 kHz,
harmonic
THD
25°C
2.5 V
0.02
%
CL = 50 pF,
See Figure 21
distortion
Supply
25°C
0.001
0.02
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
2.7 V
mA
current
Full
0.25
(1)
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
8
Submit Documentation Feedback
Copyright © 2005–2010., Texas Instruments Incorporated
Product Folder Link(s): TS5A23166


同様の部品番号 - TS5A23166

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCTR TI-TS5A23166DCTR Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCUR TI-TS5A23166DCUR Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCUR TI1-TS5A23166DCUR Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
TS5A23166DCURE4 TI-TS5A23166DCURE4 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

同様の説明 - TS5A23166

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com