データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCE937 データシート(PDF) 1 Page - Texas Instruments

部品番号 CDCE937
部品情報  Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDCE937 データシート(HTML) 1 Page - Texas Instruments

  CDCE937_10 Datasheet HTML 1Page - Texas Instruments CDCE937_10 Datasheet HTML 2Page - Texas Instruments CDCE937_10 Datasheet HTML 3Page - Texas Instruments CDCE937_10 Datasheet HTML 4Page - Texas Instruments CDCE937_10 Datasheet HTML 5Page - Texas Instruments CDCE937_10 Datasheet HTML 6Page - Texas Instruments CDCE937_10 Datasheet HTML 7Page - Texas Instruments CDCE937_10 Datasheet HTML 8Page - Texas Instruments CDCE937_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Xin/Clk 1
20 Xout
S0 2
19 S1/SDA
Vdd 3
18 S2/SCL
Vctr 4
17 Y1
GND 5
16 GND
Vddout 6
15 Y2
Y4 7
14 Y3
Y5 8
13 Vddout
GND 9
12 Y6
Vddout 10
11 Y7
Y4
Y5
VDD
GND
Vctr
Vddout
S2/S1/S0or
SDA/SCL
Y1
VCXO
XO
LVCMOS
3
Y2
Y3
LV
CMOS
LV
CMOS
PLL1
withSSC
LV
CMOS
LV
CMOS
LV
CMOS
PLL2
withSSC
Y6
Y7
LV
CMOS
LV
CMOS
PLL3
withSSC
Divider
and
Output
Control
Programming
and
ControlRegister
EEPROM
CDCE937
CDCEL937
www.ti.com
SLAS564F – AUGUST 2007 – REVISED MARCH 2010
Programmable 3-PLL VCXO Clock Synthesizer
With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
Check for Samples: CDCE937, CDCEL937
1
FEATURES
1.8-V Device Power Supply
234
Member of Programmable Clock Generator
Flexible Clock Driver
Family
Three User-Definable Control Inputs
CDCE913/CDCEL913: 1-PLL, 3 Outputs
[S0/S1/S2] e.g., SSC Selection, Frequency
Switching, Output Enable or Power Down
CDCE925/CDCEL925: 2-PLL, 5 Outputs
Generates Highly Accurate Clocks for
CDCE937/CDCEL937: 3-PLL, 7 Outputs
Video, Audio, USB, IEEE1394, RFID,
CDCE949/CDCEL949: 4-PLL, 9 Outputs
Bluetooth™, WLAN, Ethernet™, and GPS
In-System Programmability and EEPROM
Generates Common Clock Frequencies
Serial Programmable Volatile Register
Used With TI DaVinci™, OMAP™, DSPs
Nonvolatile EEPROM to Store Customer
Programmable SSC Modulation
Setting
Enables 0-PPM Clock Generation
Flexible Input Clocking Concept
Wide Temperature Range –40° C to 85° C
External Crystal: 8 MHz to 32 MHz
Packaged in TSSOP
On-Chip VCXO: Pull Range ±150 ppm
Development and Programming Kit for Easy
Single-Ended LVCMOS up to 160 MHz
PLL Design and Programming (TI Pro-Clock™)
Selectable Output Frequency up to 230 MHz
Low-Noise PLL Core
APPLICATIONS
D-TV, HD-TV, STB, IP-STB, DVD-Player,
Integrated PLL Loop Filter Components
DVD-Recorder, Printer
Low Period Jitter (Typ 60 ps)
Separate Output Supply Pins
CDCE937: 3.3 V and 2.5 V
CDCEL937: 1.8 V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DaVinci, OMAP, Pro-Clock are trademarks of Texas Instruments.
3
Bluetooth is a trademark of Bluetooth SIG.
4
Ethernet is a trademark of Xerox Corporattion.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - CDCE937_10

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCE937 TI1-CDCE937_17 Datasheet
1Mb / 39P
[Old version datasheet]   Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
More results

同様の説明 - CDCE937_10

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
[Old version datasheet]   PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com