データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12022M データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL12022M
部品情報  Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M データシート(HTML) 5 Page - Intersil Corporation

  ISL12022M Datasheet HTML 1Page - Intersil Corporation ISL12022M Datasheet HTML 2Page - Intersil Corporation ISL12022M Datasheet HTML 3Page - Intersil Corporation ISL12022M Datasheet HTML 4Page - Intersil Corporation ISL12022M Datasheet HTML 5Page - Intersil Corporation ISL12022M Datasheet HTML 6Page - Intersil Corporation ISL12022M Datasheet HTML 7Page - Intersil Corporation ISL12022M Datasheet HTML 8Page - Intersil Corporation ISL12022M Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
FN6668.7
June 4, 2010
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT and IRQ/FOUT pins
(Respect to Ground) . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on SCL and SDA pins
(Respect to Ground) . . . . . . . . . . . -0.3V to VDD +0.3V
ESD Rating
Human Body Model
(Per MIL-STD-883 Method 3014) . . . . . . . . . . . >3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . .>300V
Charged Device Model . . . . . . . . . . . . . . . . . . .>2200V
Latch-up . . . . . . . . . . . . . . . . . . . . . . . . Class II Level A,
passed at +85°C ambient with the Level A latch-up
criteria of 100mA or 1.5*VMAX input
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
20 Lead SOIC (Notes 4, 5)
70
35
Storage Temperature . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile (Note 6) . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
5. For θJC, the “case temp” location is on top of the package and measured in the center of the package between pins 6 and 15.
6. The ISL12022M Oscillator Initial Accuracy can change after solder reflow attachment. The amount of change will depend on
the reflow temperature and length of exposure. A general rule is to use only one reflow cycle and keep the temperature and
time as short as possible. Changes on the order of ±1ppm to ±3ppm can be expected with typical reflow profiles.
DC Operating Characteristics RTC Test Conditions: VDD = +2.7 to +5.5V, TA = -40°C to +85°C, unless otherwise
stated. Boldface limits apply over the operating temperature range,
-40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 7)
TYP
(Note 8)
MAX
(Note 7) UNITS NOTES
VDD
Main Power Supply
(Note 15)
2.7
5.5
V
VBAT
Battery Supply Voltage
(Note 15)
1.8
5.5
V9
IDD1
Supply Current. (I2CNot Active,
Temperature Conversion Not
Active, FOUT Not Active)
VDD = 5V
4.1
7
µA
10, 11
VDD = 3V
3.5
6
µA
10, 11
IDD2
Supply Current. (I2C Active,
Temperature Conversion Not
Active, Fout Not Active)
VDD = 5V
200
500
µA
10, 11
IDD3
Supply Current. (I2CNot Active,
Temperature Conversion Active,
FOUT Not Active)
VDD = 5V
120
400
µA
10, 11
IBAT
Battery Supply Current
VDD = 0V, VBAT = 3V,
TA =+25°C
1.0
1.6
µA
10
VDD = 0V, VBAT = 3V
1.0
5.0
µA
10
IBATLKG Battery Input Leakage
VDD = 5.5V, VBAT = 1.8V
100
nA
ILI
Input Leakage Current on SCL
VIL = 0V, VIH = VDD
-1.0
±0.1
1.0
µA
ILO
I/O Leakage Current on SDA
VIL = 0V, VIH = VDD
-1.0
±0.1
1.0
µA
VBATM
Battery Level Monitor Threshold
-100
+100
mV
VPBM
Brownout Level Monitor Threshold
-100
+100
mV
VTRIP
VBAT Mode Threshold
(Note 15)
2.0
2.2
2.4
V
VTRIPHYS VTRIP Hysteresis
30
mV
13
VBATHYS VBAT Hysteresis
50
mV
13
ΔFoutT Oscillator Stability vs Temperature VDD = 3.3V
-5
+5
ppm
6
ΔFoutV Oscillator Stability vs Voltage
2.7V ≤ VDD ≤ 5.5V
-3
+3
ppm
ΔFoutI
Oscillator Initial Accuracy
VDD = 3.3V
-3
+3
ppm
6
Temp
Temperature Sensor Accuracy
VDD = VBAT = 3.3V
±2
°C
13
ISL12022M


同様の部品番号 - ISL12022M

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
ISL12022M INTERSIL-ISL12022M Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12022M INTERSIL-ISL12022M Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12022M INTERSIL-ISL12022M Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
More results

同様の説明 - ISL12022M

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com