データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12022MIBZ-T データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL12022MIBZ-T
部品情報  Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022MIBZ-T データシート(HTML) 3 Page - Intersil Corporation

  ISL12022MIBZ-T Datasheet HTML 1Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 2Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 3Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 4Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 5Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 6Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 7Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 8Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
FN6668.7
June 4, 2010
12
SCL
Serial Clock. The SCL input is used to clock all serial data into and out of the device. The input buffer
on this pin is always active (not gated). It is disabled when the backup power supply on the VBAT pin
is activated to minimize power consumption.
13
IRQ/FOUT Interrupt Output/Frequency Output (Default 32.768kHz frequency output). This dual function pin
can be used as an interrupt or frequency output pin. The IRQ/FOUT mode is selected via the frequency
out control bits of the control/status register. Interrupt Mode. The pin provides an interrupt signal
output. This signal notifies a host processor that an alarm has occurred and requests action. It is an
open drain active low output. Frequency Output Mode. The pin outputs a clock signal, which is
related to the crystal frequency. The frequency output is user selectable and enabled via the I2C bus.
It is an open drain output. The output is open drain and requires a pull-up resistor.
14
6, 8, 15
VDD
GND
Power Supply. Chip power supply and ground pins. The device will operate with a power supply from
VDD = 2.7V to 5.5VDC. A 0.1µF capacitor is recommended on the VDD pin to ground.
Pin Descriptions (Continued)
PIN
NUMBER
SYMBOL
DESCRIPTION
Ordering Information
PART NUMBER
(Note 3)
PART
MARKING
VDD RANGE
(V)
TEMP RANGE
(°C)
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
ISL12022MIBZ (Note 2)
ISL12022MIBZ
2.7 to 5.5
-40 to +85
20 Ld SOIC
M20.3
ISL12022MIBZ-T (Notes 1, 2) ISL12022MIBZ
2.7 to 5.5
-40 to +85
20 Ld SOIC (Tape and Reel) M20.3
1. Please refer to TB347 for details on reel specifications.
2. These Intersil plastic packaged products employ special material sets, molding compounds and 100% matte tin plate plus
anneal (e3) termination finish. These products do contain Pb but they are RoHS compliant by exemption 7 (lead in high melt
temp solder for internal connections) and exemption 5 (lead in piezoelectric elements). These Intersil RoHS compliant
products are compatible with both SnPb and Pb-free soldering operations. These Intersil RoHS compliant products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL12022M. For more information on MSL please
see techbrief TB363.
ISL12022M


同様の部品番号 - ISL12022MIBZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL12022MIBZ-T RENESAS-ISL12022MIBZ-T Datasheet
1Mb / 33P
   Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
Oct 24, 2019
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MIBZ-TR5421 INTERSIL-ISL12022MIBZ-TR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
logo
Renesas Technology Corp
ISL12022MIBZ-TR5421 RENESAS-ISL12022MIBZ-TR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

同様の説明 - ISL12022MIBZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com