データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCE937PWR データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCE937PWR
部品情報  Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDCE937PWR データシート(HTML) 10 Page - Texas Instruments

Back Button CDCE937PWR Datasheet HTML 6Page - Texas Instruments CDCE937PWR Datasheet HTML 7Page - Texas Instruments CDCE937PWR Datasheet HTML 8Page - Texas Instruments CDCE937PWR Datasheet HTML 9Page - Texas Instruments CDCE937PWR Datasheet HTML 10Page - Texas Instruments CDCE937PWR Datasheet HTML 11Page - Texas Instruments CDCE937PWR Datasheet HTML 12Page - Texas Instruments CDCE937PWR Datasheet HTML 13Page - Texas Instruments CDCE937PWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
CDCE937
CDCEL937
SLAS564F – AUGUST 2007 – REVISED MARCH 2010
www.ti.com
APPLICATION INFORMATION
CONTROL TERMINAL SETTING
The CDCE937/CDCEL937 has three user-definable control terminals (S0, S1, and S2) which allow external
control of device settings. They can be programmed to any of the following setting:
Spread spectrum clocking selection
→ spread type and spread amount selection
Frequency selection
→ switching between any of two user-defined frequencies
Output state selection
→ output configuration and power down control
The user can predefine up to eight different control settings. Table 1 and Table 2 explain these settings.
Table 1. Control Terminal Definition
External
Control
PLL1 Setting
PLL2 Setting
PLL3 Setting
Y1 Setting
Bits
PLL
Output
PLL
Output
PLL
Output
Output Y1 and
Control
SSC
SSC
SSC
Frequency
Y2/Y3
Frequency
Y4/Y5
Frequency
Y6/Y7
Power-Down
Function
Selection
Selection
Selection
Selection
Selection
Selection
Selection
Selection
Selection
Selection
Table 2. PLLx Setting (can be selected for each PLL individual)(1)
SSC Selection (Center/Down)
SSCx [3-bits]
Center
Down
0
0
0
0% (off)
0% (off)
0
0
1
±0.25%
–0.25%
0
1
0
±0.5%
–0.5%
0
1
1
±0.75%
–0.75%
1
0
0
±1.0%
–1.0%
1
0
1
±1.25%
–1.25%
1
1
0
±1.5%
–1.5%
1
1
1
±2.0%
–2.0%
FREQUENCY SELECTION(2)
FSx
FUNCTION
0
Frequency0
1
Frequency1
OUTPUT SELECTION(3) (Y2 ... Y7)
YxYx
FUNCTION
0
State0
1
State1
(1)
Center/Down-Spread, Frequency0/1 and State0/1 are user-definable in PLLx Configuration Register;
(2)
Frequency0 and Frequency1 can be any frequency within the specified fVCO range.
(3)
State0/1 selection is valid for both outputs of the corresponding PLL module and can be power down,
3-state, low or active
Table 3. Y1 Setting(1)
Y1 SELECTION
Y1
FUNCTION
0
State 0
1
State 1
(1)
State0 and State1 are user definable in Generic Configuration
Register and can be power down, 3-state, low, or active.
10
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE937 CDCEL937


同様の部品番号 - CDCE937PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCE937PWR TI1-CDCE937PWR Datasheet
1Mb / 39P
[Old version datasheet]   Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
CDCE937PWRG4 TI1-CDCE937PWRG4 Datasheet
1Mb / 39P
[Old version datasheet]   Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
More results

同様の説明 - CDCE937PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
[Old version datasheet]   PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com