データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G06DBVRG4 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP1G06DBVRG4
部品情報  LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G06DBVRG4 データシート(HTML) 5 Page - Texas Instruments

  SN74AUP1G06DBVRG4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G06DBVRG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G06DBVRG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G06DBVRG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G06DBVRG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G06DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G06DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G06DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G06DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN74AUP1G06
www.ti.com
SCES590D – JULY 2004 – REVISED MAY 2010
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
12.4
1.2 V ± 0.1 V
2.7
12
9.9
2
12.8
1.5 V ± 0.1 V
2.1
3.5
6.2
1.5
7.6
tpd
A
Y
ns
1.8 V ± 0.15 V
2.1
3.1
4.7
1.2
5.9
2.5 V ± 0.2 V
1.4
2.2
3.2
1
3.9
3.3 V ± 0.3 V
1.3
2.2
3.3
0.8
3.6
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
15.1
1.2 V ± 0.1 V
3.6
12
11.2
2.7
14.1
1.5 V ± 0.1 V
2.9
4.3
7
2.2
8.6
tpd
A
Y
ns
1.8 V ± 0.15 V
2.7
3.9
5.4
1.8
6.7
2.5 V ± 0.2 V
2.1
2.9
3.8
1.4
4.5
3.3 V ± 0.3 V
1.7
3
4.5
1.2
4.9
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
17.4
1.2 V ± 0.1 V
4.9
12
12.2
3.4
15.2
1.5 V ± 0.1 V
3.5
5
7.7
2.7
9.4
tpd
A
Y
ns
1.8 V ± 0.15 V
3.2
4.8
6.6
2.2
7.3
2.5 V ± 0.2 V
2.5
3.5
4.5
1.7
5.1
3.3 V ± 0.3 V
2
3.8
6
1.5
6.5
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
25.3
1.2 V ± 0.1 V
7.6
12
16
5.6
19.3
1.5 V ± 0.1 V
5.9
7.6
10.1
4.3
12
tpd
A
Y
ns
1.8 V ± 0.15 V
4.8
7.4
10.7
3.6
11
2.5 V ± 0.2 V
3.7
5.4
7.1
2.8
7.8
3.3 V ± 0.3 V
3.2
6.5
10.5
2.5
10.8
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74AUP1G06


同様の部品番号 - SN74AUP1G06DBVRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G06DBVRG4 TI1-SN74AUP1G06DBVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DBVRG4 TI1-SN74AUP1G06DBVRG4 Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
SN74AUP1G06DBVRG4 TI1-SN74AUP1G06DBVRG4 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
More results

同様の説明 - SN74AUP1G06DBVRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06 Datasheet
183Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI1-SN74AUP1G07_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Buffer/Driver With Open-Drain Outputs
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com