データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS1500 データシート(PDF) 3 Page - Cirrus Logic

部品番号 CS1500
部品情報  Digital Power Factor Correction IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1500 データシート(HTML) 3 Page - Cirrus Logic

  CS1500_1 Datasheet HTML 1Page - Cirrus Logic CS1500_1 Datasheet HTML 2Page - Cirrus Logic CS1500_1 Datasheet HTML 3Page - Cirrus Logic CS1500_1 Datasheet HTML 4Page - Cirrus Logic CS1500_1 Datasheet HTML 5Page - Cirrus Logic CS1500_1 Datasheet HTML 6Page - Cirrus Logic CS1500_1 Datasheet HTML 7Page - Cirrus Logic CS1500_1 Datasheet HTML 8Page - Cirrus Logic CS1500_1 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CS1500
DS849A7
3
Jul ?$shortyear>
CONFIDENTIAL
1. CHARACTERISTICS AND SPECIFICATIONS
1.1 Absolute Maximum Ratings
1.2 Electrical Characteristics
(TA = 25º C, VDD = 13V, -40º < TJ < +125º C, CL=1nF between pin GD and GND, all voltages are measured with respect to
GND; all current are positive when flowing into the IC; unless otherwise specified). Recommended VDD = 10 – 15 V.
Pin
Symbol
Parameter
Value
Unit
7VDD
IC Supply Voltage
VZ
V
1,2,3,4,8
-
Analog Input Maximum Voltage
-0.5 to VZ
V
3,4
-
Analog Input Maximum Current
50
mA
6VGD
Gate Drive Output Voltage
-0.3 to VZ
V
6IGD
Gate Drive Output Current
-1.0 / +0.5
A
-PD
Total Power Dissipation @ TA=50° C
600
mW
TA
Operating Ambient Temperature Range1
-40 to +125
ºC
-TJ
Junction Temperature Operating Range
-40 to +125
ºC
-TStg
Storage Temperature Range
-65 to +150
ºC
Parameter
Condition
Symbol
Min
Typ
Max
Unit
VDD Supply Voltage
Turn-on Threshold Voltage
VDD Increasing
VDD(on)
8.4
8.8
9.3
V
Turn-off Threshold Voltage (UVLO)
VDD Decreasing
VDD(off)
7.1
7.4
7.9
V
UVLO Hysteresis
VHys
-1.3
-
V
Zener Voltage
IDD =20mA
VZ
16.8
17.9
18.5
V
VDD Supply Current
Start-up Supply Current
VDD =VDD(on)
IST
-68
80
μA
Standby Supply Current
STBY <0.8 V
ISB
-80
112
μA
Operating Supply Current
CL=1nF, fSW(max)=70kHz
IDD
-1.7
1.9
mA
PFC Gate Drive
Maximum Operating Frequency6
VDD = 13V
fSW(max)
62
66
70
kHz
Minimum Operating Frequency6
VDD = 13V
fSW(min)
20
22
23
kHz
Maximum Duty Cycle6
VDD = 13V
Dmax
64
66
68
%
Output Source Resistance
IGD =100mA,VDD = 13V
ROH
-9
-
Ω
Output Sink Resistance
IGD = -200mA,VDD = 13V
ROL
-6
-
Ω
Rising Time
CL=1nF,VDD = 13V
tr
-32
60
ns
Falling Time
CL=1nF,VDD = 13V
tf
-15
30
ns
Output Voltage Low State
IGD = -200mA,VDD = 13V
Vol
-
0.9
1.3
V
Output Voltage High State
IGD =100mA,VDD = 13V
Voh
11.3
11.8
-
V


同様の部品番号 - CS1500_1

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS1500-FSZ CIRRUS-CS1500-FSZ Datasheet
842Kb / 22P
   Digital Power Factor Correction IC
More results

同様の説明 - CS1500_1

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS1500 CIRRUS-CS1500 Datasheet
842Kb / 22P
   Digital Power Factor Correction IC
CS1501 CIRRUS-CS1501 Datasheet
820Kb / 11P
   Digital Power Factor Correction Control IC
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP Datasheet
308Kb / 41P
   Power Factor Correction Controller IC
logo
Rohm
BD7690FJ ROHM-BD7690FJ Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Princeton Technology Co...
PT5634 PTC-PT5634 Datasheet
373Kb / 4P
   Power Factor Correction Control IC
PT5634A PTC-PT5634A Datasheet
356Kb / 4P
   Power Factor Correction Control IC
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP_16 Datasheet
266Kb / 8P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_09 Datasheet
124Kb / 8P
   Power Factor Correction Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com