データシートサーチシステム |
|
LMV321IDCKTE4 データシート(PDF) 7 Page - Texas Instruments |
|
LMV321IDCKTE4 データシート(HTML) 7 Page - Texas Instruments |
7 / 41 page www.ti.com Shutdown Characteristics (LMV324S) LMV321 SINGLE, LMV358 DUAL LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS SLOS263T – AUGUST 1999 – REVISED SEPTEMBER 2007 VCC+ = 5 V, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT Supply current in shutdown mode ICC(SHDN) SHDN ≤ 0.6 V, TA = –40°C to 85°C 5 μA (per channel) t(on) Amplifier turn-on time AV = 1, RL = Open (measured at 50% point) 2 μs t(off) Amplifier turn-off time AV = 1, RL = Open (measured at 50% point) 40 ns (1) Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the application and configuration and may vary over time. Typical values are not ensured on production material. Copyright © 1999–2007, Texas Instruments Incorporated Submit Documentation Feedback 7 |
同様の部品番号 - LMV321IDCKTE4 |
|
同様の説明 - LMV321IDCKTE4 |