データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV431BIDCKR データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV431BIDCKR
部品情報  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV431BIDCKR データシート(HTML) 2 Page - Texas Instruments

  TLV431BIDCKR Datasheet HTML 1Page - Texas Instruments TLV431BIDCKR Datasheet HTML 2Page - Texas Instruments TLV431BIDCKR Datasheet HTML 3Page - Texas Instruments TLV431BIDCKR Datasheet HTML 4Page - Texas Instruments TLV431BIDCKR Datasheet HTML 5Page - Texas Instruments TLV431BIDCKR Datasheet HTML 6Page - Texas Instruments TLV431BIDCKR Datasheet HTML 7Page - Texas Instruments TLV431BIDCKR Datasheet HTML 8Page - Texas Instruments TLV431BIDCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TLV431, TLV431A, TLV431B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS139T − JULY 1996 − REVISED JUNE 2007
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION
TJ
25
5C VREF
TOLERANCE
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SC 70 (DCK)
Reel of 3000
TLV431BCDCKR
YE
SC-70 (DCK)
Reel of 250
TLV431BCDCKT
YE_
SOT 23 5 (DBV)
Reel of 3000
TLV431BCDBVR
Y3G
SOT-23-5 (DBV)
Reel of 250
TLV431BCDBVT
Y3G_
0.5%
SOT 23 3 (DBZ)
Reel of 3000
TLV431BCDBZR
Y3G
SOT-23-3 (DBZ)
Reel of 250
TLV431BCDBZT
Y3G_
SOT-89 (PK)
Reel of 1000
TLV431BCPK
VE
TO 92 (LP)
Bulk of 1000
TLV431BCLP
TV431B
TO-92 (LP)
Reel of 2000
TLV431BCLPR
TV431B
0
°C to 70°C
SOT 23 5 (DBV)
Reel of 3000
TLV431ACDBVR
YAC
SOT-23-5 (DBV)
Reel of 250
TLV431ACDBVT
YAC_
1%
SOT-23-3 (DBZ)
Reel of 3000
TLV431ACDBZR
YAC_
1%
TO 92 (LP)
Bulk of 1000
TLV431ACLP
V431AC
TO-92 (LP)
Reel of 2000
TLV431ACLPR
V431AC
SOT 23 5 (DBV)
Reel of 3000
TLV431CDBVR
Y3C
SOT-23-5 (DBV)
Reel of 250
TLV431CDBVT
Y3C_
1.5%
SOT-23-3 (DBZ)
Reel of 3000
TLV431CDBZR
Y3C_
1.5%
TO 92 (LP)
Bulk of 1000
TLV431CLP
V431C
TO-92 (LP)
Reel of 2000
TLV431CLPR
V431C
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.


同様の部品番号 - TLV431BIDCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV431BIDCKR TI-TLV431BIDCKR Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431BIDCKR TI-TLV431BIDCKR Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431BIDCKR TI-TLV431BIDCKR Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431BIDCKR TI-TLV431BIDCKR Datasheet
1,013Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431BIDCKR TI1-TLV431BIDCKR Datasheet
1Mb / 42P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

同様の説明 - TLV431BIDCKR

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com