データシートサーチシステム |
|
TLV431AIDBVT データシート(PDF) 5 Page - Texas Instruments |
|
|
TLV431AIDBVT データシート(HTML) 5 Page - Texas Instruments |
5 / 39 page TLV431, TLV431A, TLV431B LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR SLVS139T − JULY 1996 − REVISED JUNE 2007 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Cathode voltage, VKA (see Note 1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous cathode current range, IK −20 mA to 20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Reference current range, Iref −0.05 mA to 3 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Notes 2 and 3): D package 97 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . DBV package 206 °C/W . . . . . . . . . . . . . . . . . . . . . . . . DBZ package 206 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . DCK package 252 °C/W . . . . . . . . . . . . . . . . . . . . . . . . LP package 140 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . PK package 52 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating virtual junction temperature 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. Voltage values are with respect to the anode terminal, unless otherwise noted. 2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. 3. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions MIN MAX UNIT VKA Cathode voltage VREF 6 V IK Cathode current 0.1 15 mA TLV431_C 0 70 TA Operating free-air temperature range TLV431_I −40 85 °C A pg p g TLV431_Q −40 125 |
同様の部品番号 - TLV431AIDBVT |
|
同様の説明 - TLV431AIDBVT |