データシートサーチシステム |
|
TS5A3159ADBVT データシート(PDF) 8 Page - Texas Instruments |
|
|
TS5A3159ADBVT データシート(HTML) 8 Page - Texas Instruments |
8 / 30 page TS5A3159A SCDS200C – AUGUST 2005 – REVISED MAY 2010 www.ti.com Electrical Characteristics for 2.5-V Supply (1) V+ = 2.3 V to 2.7, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, VNO, 0 V+ V range VNC 25°C 1.8 2.5 Peak on 0 ≤ (VNO or VNC) ≤ V+, Switch on, rpeak 2.3 V Ω resistance ICOM = –8 mA, See Figure 15 Full 2.7 25°C 1.5 2 On-state VNO or VNC = 1.8 V, Switch on, ron 2.3 V Ω resistance ICOM = –8 mA, See Figure 15 Full 2.4 On-state 25°C 0.15 0.2 resistance match VNO or VNC = 1.8 V, Switch on, Δron 2.3 V Ω between ICOM = –8 mA, See Figure 15 Full 0.2 channels 0 ≤ (VNO or VNC) ≤ V+, Switch on, 25°C 0.6 On-state ICOM = –8 mA, See Figure 15 resistance ron(flat) 2.3 V Ω 25°C 0.6 1 VNO or VNC = 0.8 V, 1.8 V, Switch on, flatness ICOM = –8 mA, See Figure 15 Full 1 VNC or VNO = 0.5 V, VCOM = 0.5 V to 2.3 V, 25°C –20 2 20 INC(OFF), Switch off, or 2.7 V nA NC, NO INO(OFF) See Figure 16 Full –50 50 VNC or VNO = 2.3 V, VCOM = 0.5 V to 2.3 V, off leakage current 25°C –1 0.1 1 INC(PWROFF), VNC or VNO = 0 to 3.6 V, Switch off, 0 V mA INO(PWROFF) VCOM = 3.6 V to 0, See Figure 16 Full –10 10 NC, NO VNC or VNO = 0.5 V, VCOM = Open, 25°C –10 2 10 INC(ON), Switch on, on leakage or 2.7 V nA INO(ON) See Figure 17 Full –20 20 current VNC or VNO = 2.2 V, VCOM = Open, COM 25° –1 0.1 10 VNC or VNO = 2.7 V to 0, Switch off, off leakage ICOM(PWROFF) 0 V mA VCOM = 0 to 2.7 V, See Figure 16 Full –10 20 current COM VNC or VNO = Open, VCOM = 0.5 V, 25°C –10 2 10 Switch on, on leakage ICOM(ON) or 2.7 V nA See Figure 17 Full –20 20 current VNC or VNO = Open, VCOM = 2.2 V, Digital Input (IN) Input logic high VIH Full 1.8 5.5 V Input logic low VIL Full 0 0.6 25°C –2 2 Input leakage IIH, IIL VI = 5.5 V or 0 2.7 V nA current Full 20 20 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum. 8 Submit Documentation Feedback Copyright © 2005–2010, Texas Instruments Incorporated Product Folder Link(s): TS5A3159A |
同様の部品番号 - TS5A3159ADBVT |
|
同様の説明 - TS5A3159ADBVT |