データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1825AJQMLV データシート(PDF) 1 Page - Texas Instruments

部品番号 UC1825AJQMLV
部品情報  HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1825AJQMLV データシート(HTML) 1 Page - Texas Instruments

  UC1825AJQMLV Datasheet HTML 1Page - Texas Instruments UC1825AJQMLV Datasheet HTML 2Page - Texas Instruments UC1825AJQMLV Datasheet HTML 3Page - Texas Instruments UC1825AJQMLV Datasheet HTML 4Page - Texas Instruments UC1825AJQMLV Datasheet HTML 5Page - Texas Instruments UC1825AJQMLV Datasheet HTML 6Page - Texas Instruments UC1825AJQMLV Datasheet HTML 7Page - Texas Instruments UC1825AJQMLV Datasheet HTML 8Page - Texas Instruments UC1825AJQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
UC1823A,UC2823A,UC2823B,
UC3823A,UC3823B,UC1825A,
UC2825A,UC2825B,UC3825A,UC3825B
SLUS334D − AUGUST 1995 − REVISED NOVEMBER 2008
HIGHSPEED PWM CONTROLLER
FEATURES
D Improved Versions of the UC3823/UC3825
PWMs
D Compatible with Voltage-Mode or
Current-Mode Control Methods
D Practical Operation at Switching Frequencies
to 1 MHz
D 50-ns Propagation Delay to Output
D High-Current Dual Totem Pole Outputs
(2-A Peak)
D Trimmed Oscillator Discharge Current
D Low 100-µA Startup Current
D Pulse-by-Pulse Current Limiting Comparator
D Latched Overcurrent Comparator With Full
Cycle Restart
DESCRIPTION
The UC3823A and UC3823B and the UC3825A and
UC3825B family of PWM controllers are improved
versions of the standard UC3823 and UC3825 family.
Performance enhancements have been made to several
of the circuit blocks. Error amplifier gain bandwidth product
is 12 MHz, while input offset voltage is 2 mV. Current limit
threshold is assured to a tolerance of 5%. Oscillator
discharge current is specified at 10 mA for accurate dead
time control. Frequency accuracy is improved to 6%.
Startup supply current, typically 100
µA, is ideal for off-line
applications. The output drivers are redesigned to actively
sink current during UVLO at no expense to the startup
current specification. In addition each output is capable of
2-A peak currents during transitions.
BLOCK DIAGRAM
4
5
6
7
3
2
1
OSC
CLK/LEB
RT
CT
RAMP
EAOUT
NI
INV
8
9
15
SS
ILIM
VCC
1.25 V
10
GND
(60%)
1.0 V
E/A
1.2 V
0.2 V
OVER CURRENT
CURRENT
LIMIT
R
SD
5 V
SOFT−START COMPLETE
R
SD
FAULT LATCH
RESTART
DELAY
T
13
11
14
VC
12
PWM
LATCH
9
mA
250
mA
R
S
*
RESTART
DELAY
LATCH
VREF
5.1 V
ON/OFF
UVLO
4 V
INTERNAL
BIAS
16
OUTA
OUTB
PGND
5.1 VREF
”B” 16V/10V
”A” 9.2V/8.4V
PWM COMPARATOR
UDG−02091
VREF GOOD
* On the UC1823A version, toggles Q and Q are always low.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004 −2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


同様の部品番号 - UC1825AJQMLV

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1825AJQMLV TI-UC1825AJQMLV Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results

同様の説明 - UC1825AJQMLV

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com