データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z0107MARLRPG データシート(PDF) 9 Page - ON Semiconductor

部品番号 Z0107MARLRPG
部品情報  Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

Z0107MARLRPG データシート(HTML) 9 Page - ON Semiconductor

Back Button Z0107MARLRPG Datasheet HTML 2Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 3Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 4Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 5Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 6Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 7Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 8Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 9Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Z0103MA, Z0107MA, Z0109MA
http://onsemi.com
9
ORDERING & SHIPPING INFORMATION: Packaging Options, Device Suffix
U.S.
Europe
Equivalent
Shipping
Description of TO−92 Tape Orientation
Z0103MARL1G
Radial Tape and Reel (2K/Reel)
Flat side of TO−92 and adhesive tape visible
Z0103MAG
Bulk in Box (5K/Box)
N/A, Bulk
Z0103MARLRPG
Radial Tape and Fan Fold Box (2K/Box)
Round side of TO−92 and adhesive tape visible
Z0103MARLRFG
Radial Tape and Fan Fold Box (2K/Box)
Round side of TO−92 and adhesive tape on re-
verse side
Z0107MARL1G
Radial Tape and Reel (2K/Reel)
Flat side of TO−92 and adhesive tape visible
Z0107MAG
Bulk in Box (5K/Box)
N/A, Bulk
Z0107MARLRPG
Radial Tape and Fan Fold Box (2K/Box)
Round side of TO−92 and adhesive tape visible
Z0107MARLRFG
Radial Tape and Fan Fold Box (2K/Box)
Round side of TO−92 and adhesive tape on re-
verse side
Z0109MARL1G
Radial Tape and Reel (2K/Reel)
Flat side of TO−92 and adhesive tape visible
Z0109MAG
Bulk in Box (5K/Box)
N/A, Bulk
Z0109MARLRPG
Radial Tape and Fan Fold Box (2K/Box)
Round side of TO−92 and adhesive tape visible
Z0109MARLRFG
Radial Tape and Fan Fold Box (2K/Box)
Round side of TO−92 and adhesive tape on re-
verse side


同様の部品番号 - Z0107MARLRPG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
Z0107MA PHILIPS-Z0107MA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
74Kb / 8P
   1A TRIACS
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0107MA NXP-Z0107MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
Tiger Electronic Co.,Lt...
Z0107MA TGS-Z0107MA Datasheet
153Kb / 1P
   1A TRIACS
More results

同様の説明 - Z0107MARLRPG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
New Jersey Semi-Conduct...
MAC97 NJSEMI-MAC97 Datasheet
100Kb / 2P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com