データシートサーチシステム |
|
MV37509-MP6 データシート(PDF) 4 Page - QT Optoelectronics |
|
MV37509-MP6 データシート(HTML) 4 Page - QT Optoelectronics |
4 / 6 page PCB MOUNT LED INDICATORS Page 4 of 6 @ DIM A PKG. PART NUMBER COLOR VF mcd mA in. (mm) FIG. MV60538.MP6 RED 1.7 2.0 20 .125 (3.18) 6 MV63538.MP6 YLW 2.1 18.0 20 .125 (3.18) 6 MV64538.MP6 GRN 2.2 26.0 20 .125 (3.18) 6 MV67538.MP6 H-E RED 2.1 14.0 20 .125 (3.18) 6 MV60539.MP6 RED 1.7 3.2 20 .180 (4.57) 6 MV63539.MP6 YLW 2.1 20.0 20 .180 (4.57) 6 MV64539.MP6 GRN 2.2 28.0 20 .180 (4.57) 6 MV67539.MP6 H-E RED 2.1 15.0 20 .180 (4.57) 6 LOW CURRENT (2mA) HLMP-47009.MP6 H-E RED 1.8 2.0 2 .180 (4.57) 6 HLMP-47199.MP6 YLW 1.9 2.0 2 .180 (4.57) 6 HLMP-47409.MP6 GRN 1.9 3.0 2 .180 (4.57) 6 AIGaAs RED HLMP-D1019.MP6 AIGaAS RED 1.8 70.0 20 .180 (4.57) 6 HLMP-D1509.MP6 AIGaAS RED 1.6 3.0 1 .180 (4.57) 6 ULTRA BRIGHT MV33509.MP6 YLW* 2.2 150.0 20 .180 (4.57) 6 MV34509.MP6 GRN* 2.2 150.0 20 .180 (4.57) 6 MV37509.MP6 H-E RED* 2.2 150.0 20 .180 (4.57) 6 INTEGRAL RESISTOR MR30509.MP6 RED 5.0 2.0 13 .180 (4.57) 6 MR30519.MP6 RED 12.0 2.0 13 .180 (4.57) 6 MR33509.MP6 YLW 5.0 4.0 10 .180 (4.57) 6 MR33519.MP6 YLW 12.0 4.0 13 .180 (4.57) 6 MR34509.MP6 GRN 5.0 4.0 12 .180 (4.57) 6 MR34519.MP6 GRN 12.0 4.0 13 .180 (4.57) 6 MR37509.MP6 H-E RED 5.0 4.0 10 .180 (4.57) 6 MR37519.MP6 H-E RED 12.0 4.0 13 .180 (4.57) 6 BICOLOR** MV54919.MP6 RED/GRN 2.3 6.0 20 .180 (4.57) 6 T-1 3/4 (5mm) @ DIM A PKG. PART NUMBER COLOR VF mcd mA in. (mm) FIG. MV60538.MP7 RED 1.7 2.0 20 .125 (3.18) 7 MV63538.MP7 YLW 2.1 18.0 20 .125 (3.18) 7 MV64538.MP7 GRN 2.2 26.0 20 .125 (3.18) 7 MV67538.MP7 H-E RED 2.1 14.0 20 .125 (3.18) 7 MV60539.MP7 RED 1.7 3.2 20 .183 (4.65) 7 MV63539.MP7 YLW 2.1 20.0 20 .183 (4.65) 7 MV64539.MP7 GRN 2.2 28.0 20 .183 (4.65) 7 MV67539.MP7 H-E RED 2.1 15.0 20 .183 (4.65) 7 LOW CURRENT (2mA) HLMP-47009.MP7 H-E RED 1.8 2.0 2 .183 (4.65) 7 HLMP-47199.MP7 YLW 1.9 2.0 2 .183 (4.65) 7 HLMP-47409.MP7 GRN 1.9 3.0 2 .183 (4.65) 7 AIGaAs RED HLMP-D1019.MP7 AIGaAs RED 1.8 70.0 20 .183 (4.65) 7 HLMP-D1509.MP7 AIGaAs RED 1.6 3.0 1 .183 (4.65) 7 ULTRA BRIGHT MV33509.MP7 YLW* 2.2 150.0 20 .183 (4.65) 7 MV34509.MP7 GRN* 2.2 150.0 20 .183 (4.65) 7 MV37509.MP7 H-E RED* 2.2 150.0 20 .183 (4.65) 7 INTEGRAL RESISTOR MR30509.MP7 RED 5.0 2.0 13 .183 (4.65) 7 MR30519.MP7 RED 12.0 2.0 13 .183 (4.65) 7 MR33509.MP7 YLW 5.0 4.0 10 .183 (4.65) 7 MR33519.MP7 YLW 12.0 4.0 13 .183 (4.65) 7 MR34509.MP7 GRN 5.0 4.0 12 .183 (4.65) 7 MR34519.MP7 GRN 12.0 4.0 13 .183 (4.65) 7 MR37509.MP7 H-E RED 5.0 4.0 10 .183 (4.65) 7 MR37519.MP7 H-E RED 12.0 4.0 13 .183 (4.65) 7 BICOLOR** MV54919.MP7 RED/GRN 2.3 6.0 20 .183 (4.65) 7 T-1 3/4 (5mm) MAX .245 (6.22) CATHODE** MAX .245 (6.22) .145 (3.68) MIN .020 (.51) .100 (2.54) DIM A .190 DIA (4.83) .242 (6.15) .222 (5.64) PACKAGE DIMENSIONS .200 (5.08) DIM A MAX .245 (6.22) CATHODE** MAX .245 (6.22) .145 MIN (3.68) .190 DIA (4.83) .100 (2.54) .020 (.51) .020 (.51) .355 (9.02) FIG. - 6 FIG. - 7 GENERAL NOTES: 1. All dimensions are in inches (mm). 2. Tolerance is ± .015 (± .38) unless otherwise specified. 3. All electrical values are typical. 4. All parts have colored diffused lens except those with an asterik (*), which denotes colored clear lens. 5. A double asterik (**) denotes that the cathode, as indicated, is the red cathode for the RED/GRN bicolor LED. 6. Custom color combinations are available. |
同様の部品番号 - MV37509-MP6 |
|
同様の説明 - MV37509-MP6 |