データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74VHCV05FT データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TC74VHCV05FT
部品情報  Hex Schmitt Inverter (open drain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV05FT データシート(HTML) 4 Page - Toshiba Semiconductor

  TC74VHCV05FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCV05FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV05FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV05FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV05FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV05FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV05FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV05FT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74VHCV05FT/FK
2010-07-09
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Positive threshold voltage
VP
1.8
2.3
3.0
4.5
5.5
1.65
1.85
2.20
3.15
3.85
1.65
1.85
2.20
3.15
3.85
Negative threshold voltage
VN
1.8
2.3
3.0
4.5
5.5
0.15
0.45
0.90
1.35
1.65
0.15
0.45
0.90
1.35
1.65
V
Hysteresis voltage
VH
1.8
2.3
3.0
4.5
5.5
0.15
0.20
0.30
0.40
0.50
1.05
1.10
1.20
1.40
1.60
0.15
0.20
0.30
0.40
0.50
1.05
1.10
1.20
1.40
1.60
V
IOL = 50 μA
1.8
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output voltage
VOL
VIN
= VIH
IOL = 8 mA
IOL = 16 mA
3.0
4.5
0.36
0.44
0.44
0.55
V
3-state output off-state
current
IOZ
VIN = VIL, VOUT = 0 to 5.5V
1.8 to
5.5
±0.25
±2.5
μA
Power-off leakage current
IOFF
VIN/VOUT = 5.5 V
0
0.5
5.0
μA
Input leakage current
IIN
VIN = 5.5 V or GND
0 to
5.5
±0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA


同様の部品番号 - TC74VHCV05FT

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHCV07FK TOSHIBA-TC74VHCV07FK Datasheet
185Kb / 8P
   Hex Schmitt Buffer (open drain)
TC74VHCV07FT TOSHIBA-TC74VHCV07FT Datasheet
185Kb / 8P
   Hex Schmitt Buffer (open drain)
More results

同様の説明 - TC74VHCV05FT

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AHCV05A NEXPERIA-74AHCV05A Datasheet
211Kb / 12P
   Hex inverter Schmitt trigger with open-drain outputs
Rev. 1 - 24 June 2019
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05 Datasheet
53Kb / 7P
   HEX INVERTER OPEN DRAIN
June 1999
M54HC05 STMICROELECTRONICS-M54HC05 Datasheet
227Kb / 9P
   HEX INVERTER OPEN DRAIN
February 1993
logo
ON Semiconductor
MM74HCT05 ONSEMI-MM74HCT05 Datasheet
334Kb / 9P
   Hex Inverter (Open Drain)
March 2008 Rev. 1.5.0
logo
Toshiba Semiconductor
TC74AC05F TOSHIBA-TC74AC05F_12 Datasheet
245Kb / 7P
   Hex Inverter (open drain)
TC74VHC05F TOSHIBA-TC74VHC05F Datasheet
209Kb / 5P
   HEX INVERTER (OPEN DRAIN)
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05_04 Datasheet
224Kb / 11P
   HEX INVERTER (OPEN DRAIN)
logo
Fairchild Semiconductor
MM74HCT05 FAIRCHILD-MM74HCT05_05 Datasheet
84Kb / 7P
   Hex Inverter (Open Drain)
logo
STMicroelectronics
74VHCT05A STMICROELECTRONICS-74VHCT05A Datasheet
148Kb / 8P
   HEX INVERTER (OPEN DRAIN)
logo
Fairchild Semiconductor
MM74HCT05 FAIRCHILD-MM74HCT05 Datasheet
80Kb / 6P
   Hex Inverter (Open Drain)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com