データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13143 データシート(PDF) 1 Page - Motorola, Inc

部品番号 MC13143
部品情報  Ultra Low Power DC-2.4 GHz Linear Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13143 データシート(HTML) 1 Page - Motorola, Inc

  MC13143 Datasheet HTML 1Page - Motorola, Inc MC13143 Datasheet HTML 2Page - Motorola, Inc MC13143 Datasheet HTML 3Page - Motorola, Inc MC13143 Datasheet HTML 4Page - Motorola, Inc MC13143 Datasheet HTML 5Page - Motorola, Inc MC13143 Datasheet HTML 6Page - Motorola, Inc MC13143 Datasheet HTML 7Page - Motorola, Inc MC13143 Datasheet HTML 8Page - Motorola, Inc MC13143 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dec
MC13143
SEMICONDUCTOR
TECHNICAL DATA
ULTRA LOW POWER DC –
2.4 GHz LINEAR MIXER
Order this document by MC13143/D
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
8
1
Dec
LO–
RF
VEE
VCC
LO+
IF+
IF–
PIN CONNECTIONS
(Top View)
6
7
8
5
3
2
1
4
This device contains 29 active transistors.
1
MOTOROLA RF/IF DEVICE DATA
Ultra Low Power DC -
2.4 GHz Linear Mixer
The MC13143 is a high compression linear mixer with single–ended RF
input, differential IF output and differential LO inputs which consumes as
little as 1.8 mW. A new circuit topology is used to achieve a high third order
intermodulation intercept point, high linearity and high 1.0 dB output
compression point while maintaining a linear 50
Ω input impedance. It is
designed for Up or Down conversion anywhere from dc to 2.4 GHz.
Ultra Low Power: 1.0 mA @ VCC = 1.8 to 6.5 V
Wide Input Bandwidth: DC–2.4 GHz
Wide Output Bandwidth: DC–2.4 GHz
Wide LO Bandwidth: DC–2.4 GHz
High Mixer Linearity: Pi1.0 dB = 3.0 dBm
Linearity Adjustment of up to IP3in = 20 dBm
50 Ω Mixer Input
Single–Ended Mixer Input
Double Balanced Mixer Operation
Differential Open Collector Mixer Output
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
MC13143D
TA = –40 to 85°C
SO–8
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC(max)
7.0
Vdc
Junction Temperature
TJmax
150
°C
Storage Temperature Range
Tstg
–65 to 150
°C
NOTE: ESD data available upon request.
© Motorola, Inc. 1999
Rev 1
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


同様の部品番号 - MC13143

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13142D MOTOROLA-MC13142D Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13144 MOTOROLA-MC13144 Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13144D MOTOROLA-MC13144D Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

同様の説明 - MC13143

メーカー部品番号データシート部品情報
logo
SJM Prewell. All Rights...
PM210 SJM-PM210 Datasheet
350Kb / 5P
   Ultra-linear Mixer
PM210 SJM-PM210_V01 Datasheet
447Kb / 9P
   Ultra-linear Mixer
PM213 SJM-PM213 Datasheet
416Kb / 7P
   Ultra-linear Mixer
PM485 SJM-PM485 Datasheet
454Kb / 12P
   Ultra-linear Mixer
logo
Fairchild Semiconductor
RMPA2456 FAIRCHILD-RMPA2456 Datasheet
935Kb / 8P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
RMPA2458 FAIRCHILD-RMPA2458 Datasheet
944Kb / 8P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
logo
Murata Manufacturing Co...
XDM2510HC MURATA-XDM2510HC Datasheet
931Kb / 16P
   2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
logo
Fairchild Semiconductor
RMPA2458_059 FAIRCHILD-RMPA2458_059 Datasheet
955Kb / 9P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com