データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13783 データシート(PDF) 7 Page - Freescale Semiconductor, Inc

部品番号 MC13783
部品情報  Power Management and Audio Circuit
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13783 データシート(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC13783_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13783_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13783_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13783_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13783_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13783_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13783_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13783_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13783_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Signal Descriptions
MC13783 Technical Data, Rev. 3.5
Freescale Semiconductor
7
CHRGSE1B
F15
LV
Charger forced SE1 detection input
CHRGLED
D13
EHV
Trickle LED driver output
GNDCHRG
J11
Ground for charger interface
LED Drivers
LEDMD1
B8
EMV
Main display backlight LED driver output 1
LEDMD2
F9
EMV
Main display backlight LED driver output 2
LEDMD3
E9
EMV
Main display backlight LED driver output 3
LEDMD4
C9
EMV
Main display backlight LED driver output 4
LEDAD1
C8
EMV
Auxiliary display backlight LED driver output 1
LEDAD2
E8
EMV
Auxiliary display backlight LED driver output 2
LEDKP
C7
EMV
Keypad lighting LED driver output
LEDR1
B10
EMV
Tricolor red LED driver output 1
LEDG1
E11
EMV
Tricolor green LED driver output 1
LEDB1
F11
EMV
Tricolor blue LED driver output 1
LEDR2
E10
EMV
Tricolor red LED driver output 2
LEDG2
F10
EMV
Tricolor green LED driver output 2
LEDB2
G10
EMV
Tricolor blue LED driver output 2
LEDR3
F8
EMV
Tricolor red LED driver output 3
LEDG3
C10
EMV
Tricolor green LED driver output 3
LEDB3
B9
EMV
Tricolor blue LED driver output 3
GNDLEDBL
H10
Ground for backlight LED drivers
GNDLEDTC
J10
Ground for tricolor LED drivers
MC13783 Core
VATLAS
C12
LV
Regulated supply output for the MC13783 core circuitry
REFATLAS
B11
LV
Main bandgap reference
GNDATLAS
H11
Ground for the MC13783 core circuitry
Switchers
SW1AIN
K18
MV
Switcher 1A input
SW1AOUT
K17
MV
Switcher 1A output
SW1AFB
L18
LV
Switcher 1A feedback
Table 1. Pinout Listing (continued)
Pin
Location
Rating*
Function
* The maximum voltage rating is given per category of pins:
• EHV for Extended High Voltage (20 V)
• HV for High Voltage (7.5 V)
• EMV for Extended Medium Voltage (5.5 V)
• MV for Medium Voltage (4.65 V)
• LV for Low Voltage (3.1 V)


同様の部品番号 - MC13783_09

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783VKR2 FREESCALE-MC13783VKR2 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
More results

同様の説明 - MC13783_09

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13783VKR2 FREESCALE-MC13783VKR2 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783 Datasheet
610Kb / 50P
   Power Management and Audio Circuit
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
logo
ON Semiconductor
NCP2704 ONSEMI-NCP2704 Datasheet
784Kb / 28P
   Audio Management Integrated Circuit
November, 2010 ??Rev. 0
logo
ams AG
AS3658 AMSCO-AS3658_07 Datasheet
6Mb / 158P
   Power and Audio Management Unit for Portable Devices
AS3658 AMSCO-AS3658 Datasheet
148Kb / 3P
   Power and Audio Management Unit for Portable Devices
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
logo
Texas Instruments
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com