データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH32501EC データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74ALVCH32501EC
部品情報  36-bit universal bus transceiver with direction pin; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH32501EC データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVCH32501EC Datasheet HTML 6Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 7Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 8Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 9Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 10Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 11Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 12Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 13Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2004 Oct 13
10
Philips Semiconductors
Product specification
36-bit universal bus transceiver with direction pin;
3-state
74ALVCH32501
AC WAVEFORMS
handbook, halfpage
MNA564
nAn, nBn
input
nBn, nAn
output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL
Fig.4 Input nAn, nBn to output nBn, nAn propagation delay times.
VCC
VM
VI
2.3 V to 2.7 V
0.5
× VCC
VCC
2.7 V
1.5 V
2.7 V
3.0 V to 3.6 V
1.5 V
2.7 V
VOL and VOH are typical output voltage drop that occur with the output load.
handbook, full pagewidth
MNA565
nLEAB, nLEBA,
nCPAB, nCPBA
input
nAn, nBn
output
tPHL
tPLH
tW
1/fmax
VM
VOH
VI
GND
VOL
VM
Fig.5
Latch enable input (nLEAB, nLEBA) and clock input (nCPAB, nCPBA) to output propagation delays and their
pulse width.
VCC
VM
VI
2.3 V to 2.7 V
0.5
× VCC
VCC
2.7 V
1.5 V
2.7 V
3.0 V to 3.6 V
1.5 V
2.7 V
VOL and VOH are typical output voltage drop that occur with the output load.


同様の部品番号 - 74ALVCH32501EC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH32501EC PHILIPS-74ALVCH32501EC Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
More results

同様の説明 - 74ALVCH32501EC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
logo
Texas Instruments
SN74ALVCH32501 TI-SN74ALVCH32501 Datasheet
160Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32501 TI1-SN74ALVCH32501_13 Datasheet
788Kb / 14P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com