データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVT16500A データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74LVT16500A
部品情報  3.3 V 18-bit universal bus transceiver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16500A データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74LVT16500A_06 Datasheet HTML 4Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 5Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 6Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 7Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 8Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 9Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 10Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 11Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74LVT16500A_3
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 29 May 2006
8 of 19
Philips Semiconductors
74LVT16500A
3.3 V 18-bit universal bus transceiver; 3-state
9.
Static characteristics
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to 85 °C[1]
VIK
input clamping voltage
VCC = 2.7 V; IIK = −18 mA
-
−0.85 −1.2
V
VOH
HIGH-level output voltage
VCC = 2.7 V to 3.6 V; IOH = −100 µAVCC − 0.2 VCC
-V
VCC = 2.7 V; IOH = −8 mA
2.4
2.55
-
V
VCC = 3.0 V; IOH = −32 mA
2.0
2.3
-
V
VOL
LOW-level output voltage
VCC = 2.7 V
IOL = 100 µA
-
0.07
0.2
V
IOL = 24 mA
-
0.3
0.5
V
VCC = 3.0 V
IOL = 16 mA
-
0.25
0.4
V
IOL = 32 mA
-
0.3
0.5
V
IOL = 64 mA
-
0.36
0.55
V
VRST
power-up output low voltage
VCC = 3.6 V; IO = 1 mA; VI =VCC or GND
[2] -
0.1
0.55
V
ILI
input leakage current
control pins
VCC = 3.6 V; VI = VCC or GND
-
0.1
±1
µA
VCC = 0 V or 3.6 V; VI = 5.5 V
-
0.1
10
µA
I/O data pins
VCC = 3.6 V
[3]
VI = 5.5 V
-
1.0
20
µA
VI = VCC
-
0.1
10
µA
VI = 0 V
-
+0.1
−5
µA
IOFF
power-off leakage current
VCC = 0 V; VI or VO = 0 V to 4.5 V
-
1.0
±100
µA
IHOLD
bus hold current data input
VCC = 3 V
[4]
VI = 0.8 V
75
130
-
µA
VI = 2.0 V
−75
−130
-
µA
VI = 0 V to 3.6 V; VCC = 3.6 V
±500
-
-
µA
IEX
external current into output
output in the HIGH-state when VO > VCC;
VO = 5.5 V; VCC = 3.0 V
-
50
125
µA
IO(pu/pd)
power-up/power-down
output current
VCC ≤ 1.2 V; VO = 0.5 V to VCC; VI = GND
or VCC; OEAB or OEBA don’t care
[5] -40
±100
µA
ICC
quiescent supply current
VCC = 3.6 V; VI = GND or VCC; IO = 0 A
outputs HIGH-state
-
0.07
0.12
mA
outputs LOW-state
-
4
6
mA
outputs disabled
[6] -
0.07
0.12
mA


同様の部品番号 - 74LVT16500A_06

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT16500ADGG PHILIPS-74LVT16500ADGG Datasheet
81Kb / 14P
   3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16500ADGG NEXPERIA-74LVT16500ADGG Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVT16500ADL PHILIPS-74LVT16500ADL Datasheet
81Kb / 14P
   3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16500ADL NEXPERIA-74LVT16500ADL Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVT16500A PHILIPS-74LVT16500A_15 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
More results

同様の説明 - 74LVT16500A_06

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT16500A PHILIPS-74LVT16500A_15 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500A NEXPERIA-74LVT16500A Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A_06 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
74LVT16501A PHILIPS-74LVT16501A_15 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74LVT16501A NEXPERIA-74LVT16501A Datasheet
229Kb / 20P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
logo
Texas Instruments
SN74LVTH16500-EP TI1-SN74LVTH16500-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI-SN54ALVTH16601 Datasheet
196Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI1-SN54ALVTH16601_08 Datasheet
468Kb / 18P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com