データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCE906PWR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCE906PWR
部品情報  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDCE906PWR データシート(HTML) 6 Page - Texas Instruments

Back Button CDCE906PWR Datasheet HTML 2Page - Texas Instruments CDCE906PWR Datasheet HTML 3Page - Texas Instruments CDCE906PWR Datasheet HTML 4Page - Texas Instruments CDCE906PWR Datasheet HTML 5Page - Texas Instruments CDCE906PWR Datasheet HTML 6Page - Texas Instruments CDCE906PWR Datasheet HTML 7Page - Texas Instruments CDCE906PWR Datasheet HTML 8Page - Texas Instruments CDCE906PWR Datasheet HTML 9Page - Texas Instruments CDCE906PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
www.ti.com
DEVICE CHARACTERISTICS
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
TIMING REQUIREMENTS (continued)
over recommended ranges of supply voltage, load, and operating-free air temperature
MIN
NOM
MAX
UNIT
tsu(STOP)
STOP setup time
4
µs
tBUS
Bus free time
4.7
µs
tPOR
Time in which the device must be operational after power-on reset
500
ms
over recommended operating free-air temperature range and test load (unless otherwise noted), see Figure 1
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
OVERALL PARAMETER
All PLLs on, all outputs on,
ICC
Supply current (2)
fout = 80 MHz, fCLK_IN = 27 MHz,
90
115
mA
fvco = 160 MHz
Power down current. Every circuit
ICCPD
fIN = 0 MHz, VCC = 3.6 V
50
µA
powered down except SMBus
Supply voltage Vcc threshold for
VPUC
2.1
V
power up control circuit
All PLLs
80
200
Normal
VCO frequency of internal PLL (any
speed-mode(3)
fVCO
PLL2 with SSC
80
167
MHz
of three PLLs)
High-speed mode(3)
180
300
fOUT
LVCMOS output frequency range(4)
VCC = 2.5 V or 3.3 V
167
MHz
LVCMOS PARAMETER
VIK
LVCMOS input voltage
VCC = 3 V, II = –18 mA
–1.2
V
LVCMOS input current (CLK_IN0 /
II
VI = 0 V or VCC, VCC = 3.6 V
±5
µA
CLK_IN1)
IIH
LVCMOS input current (For S1/S0)
VI = VCC, VCC = 3.6 V
5
µA
IIL
LVCMOS input current (For S1/S0)
VI = 0 V, VCC = 3.6 V
-35
-10
µA
Input capacitance at CLK_IN0 and
VI = 0 V or VCC
CI
3
pF
CLK_IN1
LVCMOS PARAMETER FOR Vccout = 3.3-V Mode
Vccout = 3 V, IOH = –0.1 mA
2.9
VOH
LVCMOS high-level output voltage
Vccout = 3 V, IOH = –4 mA
2.4
V
Vccout = 3 V, IOH = –6 mA
2.1
Vccout = 3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
Vccout = 3 V, IOL = 4 mA
0.5
V
Vccout = 3 V, IOL = 6 mA
0.85
All PLL bypass
9
tPLH,
Propagation delay
ns
tPHL
VCO bypass
11
Rise and fall time for output slew
tr0/tf0
Vccout = 3.3 V (20%–80%)
1.7
3.3
4.8
ns
rate 0
Rise and fall time for output slew
tr1/tf1
Vccout = 3.3 V (20%–80%)
1.5
2.5
3.2
ns
rate 1
Rise and fall time for output slew
tr2/tf2
Vccout = 3.3 V (20%–80%)
1.2
1.6
2.1
ns
rate 2
Rise and fall time for output slew
tr3/tf3
Vccout = 3.3 V (20%–80%)
0.4
0.6
1
ns
rate 3 (Default Configuration)
(1)
All typical values are at respective nominal VCC.
(2)
For calculating total supply current, add the current from Figure 2, Figure 3, and Figure 4. Using high-speed mode of the VCO reduces
the current consumption significantly. See Figure 3
(3)
Normal-speed mode or high-speed mode must be selected by the VCO frequency selection bit in Byte 6, Bit [7:5]. The min fVCO can be
lower but impacts jitter-performance.
(4)
The maximum output frequency may be exceeded, but specifications under the Recommended Operating Condition may change and
are no longer assured. Do not exceed the maximum power dissipation of the 20-pin TSSOP package (600 mW at no air flow).
6
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): CDCE906


同様の部品番号 - CDCE906PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results

同様の説明 - CDCE906PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706_10 Datasheet
1Mb / 40P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906 TI-CDC906 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com