データシートサーチシステム |
|
TA35-EBTTN50 データシート(PDF) 4 Page - Schurter Inc. |
|
TA35-EBTTN50 データシート(HTML) 4 Page - Schurter Inc. |
4 / 6 page 5 circuit breakers TA35 www.schurter.com/pg17_18_19 Without thermal overload protection: code C00 With thermal overload protection: rated current In (A) 0ther rated currents on request. * 3-pole max. 12A In Code 0.05 Z05 0.1 J01 0.2 J0 0.3 J03 0.4 J04 0.5 J05 0.8 J08 In Code 1.0 J10 1.2 J1 1.5 J15 2.0 J0 2.5 J5 3.0 030 3.5 035 In Code 4.0 040 5.0 050 6.0 060 7.0 070 8.0 080 10.0 100 12.0 10 In Code 14.0 140 * 15.0 150 * 16.0 160 * 18.0 180 * 20.0 00 * EBT T F 10 C0 TA35- Noother features Frontbezel and actuation knob Bezel Knob T black black N without bezel without knob Bezel marking Surface Symbol F relief recessed I 0 N no marking no marking Order Code Other versions on request 7 P1 LINE LOAD 4 P1 LINE LOAD P1 7 P2 8 LINE LOAD P1 4 P2 8 LINE LOAD P1 4 P2 5 LINE LOAD P1 7 P2 8 P3 9 LINE LOAD P1 4 P2 5 P3 6 LINE LOAD Number of switched poles 1-pole -pole 3-pole Number of protected poles 0 1 0 1 0 3 Basic type EFC EFT EBC EBT EBD EKC EKD |
同様の部品番号 - TA35-EBTTN50 |
|
同様の説明 - TA35-EBTTN50 |