データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5433YCPZ データシート(PDF) 4 Page - Analog Devices

部品番号 AD5433YCPZ
部品情報  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5433YCPZ データシート(HTML) 4 Page - Analog Devices

  AD5433YCPZ Datasheet HTML 1Page - Analog Devices AD5433YCPZ Datasheet HTML 2Page - Analog Devices AD5433YCPZ Datasheet HTML 3Page - Analog Devices AD5433YCPZ Datasheet HTML 4Page - Analog Devices AD5433YCPZ Datasheet HTML 5Page - Analog Devices AD5433YCPZ Datasheet HTML 6Page - Analog Devices AD5433YCPZ Datasheet HTML 7Page - Analog Devices AD5433YCPZ Datasheet HTML 8Page - Analog Devices AD5433YCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Conditions
Output Capacitance
IOUT1
12
17
pF
All 0s loaded
25
30
pF
All 1s loaded
IOUT2
22
25
pF
All 0s loaded
10
12
pF
All 1s loaded
Digital Feedthrough
1
nV-s
Feedthrough to DAC output with CS high and
alternate loading of all 0s and all 1s
Analog THD
81
dB
VREF = 3.5 V p-p, all 1s loaded, f = 100 kHz
Digital THD
Clock = 10 MHz, VREF = 3.5 V
50 kHz fOUT
65
dB
Output Noise Spectral Density
25
nV√Hz
@ 1 kHz
SFDR Performance (Wide Band)
AD5445, VREF = 3.5 V
Clock = 10 MHz
500 kHz fOUT
55
dB
100 kHz fOUT
63
dB
50 kHz fOUT
65
dB
Clock = 25 MHz
500 kHz fOUT
50
dB
100 kHz fOUT
60
dB
50 kHz fOUT
62
dB
SFDR Performance (Narrow Band)
AD5445, VREF = 3.5 V
Clock = 10 MHz
500 kHz fOUT
73
dB
100 kHz fOUT
80
dB
50 kHz fOUT
82
dB
Clock = 25 MHz
500 kHz fOUT
70
dB
100 kHz fOUT
75
dB
50 kHz fOUT
80
dB
Intermodulation Distortion
AD5445, VREF = 3.5 V
Clock = 10 MHz
f1 = 400 kHz, f2 = 500 kHz
65
dB
f1 = 40 kHz, f2 = 50 kHz
72
dB
Clock = 25 MHz
f1 = 400 kHz, f2 = 500 kHz
51
dB
f1 = 40 kHz, f2 = 50 kHz
65
dB
POWER REQUIREMENTS
Power Supply Range
2.5
5.5
V
IDD
0.6
μA
TA = 25°C, logic inputs = 0 V or VDD
0.4
5
μA
Logic inputs = 0 V or VDD, T= −40°C to +125°C
Power Supply Sensitivity
0.001
%/%
ΔVDD = ±5%
1 Guaranteed by design, not subject to production test.


同様の部品番号 - AD5433YCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5433YCPZ AD-AD5433YCPZ Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
More results

同様の説明 - AD5433YCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5424 AD-AD5424_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5433 AD-AD5433_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5445 AD-AD5445_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Rev. D
AD5424 AD-AD5424 Datasheet
888Kb / 24P
   8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. 0
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com