データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA1701 データシート(PDF) 5 Page - Rohm

部品番号 BA1701
部品情報  VSC system processor IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA1701 データシート(HTML) 5 Page - Rohm

  BA1701 Datasheet HTML 1Page - Rohm BA1701 Datasheet HTML 2Page - Rohm BA1701 Datasheet HTML 3Page - Rohm BA1701 Datasheet HTML 4Page - Rohm BA1701 Datasheet HTML 5Page - Rohm BA1701 Datasheet HTML 6Page - Rohm BA1701 Datasheet HTML 7Page - Rohm BA1701 Datasheet HTML 8Page - Rohm BA1701 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
865
Audio ICs
BA1701
FCircuit operation
(1)
System construction
The BA1701 is a monolithic audio-compression system
controller IC that uses VSC.When used in combination
with an analog delay circuit, low-pass filter, and tape
speed controller, it can replay recorded audio at 1 to 2.5
times the recording speed, without altering the pitch (see
Fig. 3).
The BA1701 has a built-in motor driver control circuit that
is synchronized with the pitch control that allows the sys-
tem to be built with just one pitch control potentiometer
(see Fig. 4).
(2)
Principles of audio compression (see Fig. 5)
When recorded audio (A) is replayed at high speed, the
pitch of the audio increases in proportion to the playback
speed (B). By expanding this using an analog delay cir-
cuit, a compressed audio signal with the same pitch as
the original recorded signal is obtained (C). Partial audio
dropout occurs when the audio is expanded, but due to
the diffuse nature of speech, the expanded audio does
not sound unnatural to the human ear.


同様の部品番号 - BA1701

メーカー部品番号データシート部品情報
logo
Rohm
BA17805CP ROHM-BA17805CP Datasheet
356Kb / 6P
   Three-Terminal Regulator
BA17805CP ROHM-BA17805CP Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
BA17805FP ROHM-BA17805FP Datasheet
245Kb / 6P
   Three-Terminal Regulator
BA17805FP ROHM-BA17805FP Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results

同様の説明 - BA1701

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KDV214VA KEC-KDV214VA Datasheet
14Kb / 1P
   VSC PACKAGE
KDV269V KEC-KDV269V Datasheet
14Kb / 1P
   VSC PACKAGE
KDV214V KEC-KDV214V Datasheet
14Kb / 1P
   VSC PACKAGE
KDZ5.6CV KEC-KDZ5.6CV Datasheet
11Kb / 1P
   VSC PACKAGE
KDV300V KEC-KDV300V Datasheet
14Kb / 1P
   VSC PACKAGE
KDS114V KEC-KDS114V Datasheet
47Kb / 1P
   VSC PACKAGE
KDS160V KEC-KDS160V Datasheet
11Kb / 1P
   VSC PACKAGE
KDV143V KEC-KDV143V Datasheet
362Kb / 1P
   VSC PACKAGE
logo
Texas Instruments
SM34020A TI1-SM34020A Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI-SMJ34020A Datasheet
1Mb / 92P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com