データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA3430FS データシート(PDF) 11 Page - Rohm

部品番号 BA3430FS
部品情報  Stereo pre-amplifiers with mute detection circuits for car stereos
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA3430FS データシート(HTML) 11 Page - Rohm

Back Button BA3430FS Datasheet HTML 6Page - Rohm BA3430FS Datasheet HTML 7Page - Rohm BA3430FS Datasheet HTML 8Page - Rohm BA3430FS Datasheet HTML 9Page - Rohm BA3430FS Datasheet HTML 10Page - Rohm BA3430FS Datasheet HTML 11Page - Rohm BA3430FS Datasheet HTML 12Page - Rohm BA3430FS Datasheet HTML 13Page - Rohm BA3430FS Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
279
Audio ICs
BA3430S / BA3430F / BA3430FS
FOperation notes
(1)
Application circuit
The application circuit is an example of a circuit we re-
commend, however, before using it further examination
of characteristics and patent issues is necessary. If any
of the values of the external connections are changed, be
sure to take into consideration both the quiescent and
transient characteristics of the IC and external compo-
nents, and also deviations in the characteristics.
(2)
Resistor values for switch pins
To prevent incorrect operation of the switch pins, use a
3k to 10k
Ω resistor at Pins 20 and 23, and a 2k to 22kΩ
resistor at Pins 21 and 22.
(3)
Capacitors for switch pins
The capacitors connected to Pins 20 and 23 are for pre-
venting incorrect operation of the mute detection circuit.
Without these capacitors, the switching sound which oc-
curs when the internal switches are switched will cause
the mute detection output pin (Pin 24) to go low even
when there is no signal, and this error will continue
throughout the mute detection time. If a short mute detec-
tion time is set and the error can be tolerated, the capaci-
tors can be omitted. The capacitors at Pins 21 and 22 are
for preventing a “pop” sound in the audio signal. If the pop
sound is muted at a latter stage, the capacitors can be
omitted. Naturally, the mute detection circuit will still op-
erate correctly if they are omitted.
(4)
Song detection output / input level
The song detection output / input level can be set with the
resistors connected to Pins 3 and 4. Small values for
these resistors will create a large amplifier gain, lowering
the song detection output / input level. The song detec-
tion output / input level in the application circuit is
*93.5dBV (5kHz) during playback and *81dBV
(10kHz) during fast forward.
(5)
Frequency characteristics of sensitivity switch am-
plifier
The low cutoff frequency during playback can be set with
the capacitor and resistor values of Pin 3. The low cutoff
frequency during fast forward can be set with the capaci-
tor and resistor values of Pin 4, and the high cutoff fre-
quency can be set with the capacitor connected to Pin 5
and the internal resistor.
(6)
Song detection time
The song detection time can be set with the capacitor
connected to Pin 2. If the time is too short, short noise sig-
nals will also cause the circuit to operate. Set the time as
long as possible.
(7)
Mute detection time
The mute detection time is proportional to the product of
the capacitor and resistor between the supply voltage
and Pin 2. Taking into consideration the allowed IC cur-
rent, select a resistor which is 22k
Ω or more.


同様の部品番号 - BA3430FS

メーカー部品番号データシート部品情報
logo
Rohm
BA3430FS ROHM-BA3430FS Datasheet
331Kb / 6P
   Stereo pre-amplifire with mute detection circuits for car audio systems
More results

同様の説明 - BA3430FS

メーカー部品番号データシート部品情報
logo
Rohm
BA3430FS ROHM-BA3430FS Datasheet
331Kb / 6P
   Stereo pre-amplifire with mute detection circuits for car audio systems
logo
Panasonic Semiconductor
AN7311 PANASONIC-AN7311 Datasheet
105Kb / 3P
   Dual Pre-Amplifier for Car Stereo
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
BA4900 ROHM-BA4900 Datasheet
169Kb / 10P
   System power supply for car stereos
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
logo
Toshiba Semiconductor
TA2042F TOSHIBA-TA2042F Datasheet
527Kb / 15P
   DUAL PRE AMPLIFIER WITH A MUSIC SEARCH FOR AUTO REVERSE CAR STEREO
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
   Stereo Headphone Driver with Mute
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
   Pre / power amplifier for 1.5V headphone stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com