データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA3940A データシート(PDF) 6 Page - Rohm

部品番号 BA3940A
部品情報  System power supply for CD radio cassette players
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA3940A データシート(HTML) 6 Page - Rohm

  BA3940A Datasheet HTML 1Page - Rohm BA3940A Datasheet HTML 2Page - Rohm BA3940A Datasheet HTML 3Page - Rohm BA3940A Datasheet HTML 4Page - Rohm BA3940A Datasheet HTML 5Page - Rohm BA3940A Datasheet HTML 6Page - Rohm BA3940A Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
197
Regulator ICs
BA3940A
FOperation notes
(1)
Operating power supply
When operating within proper ranges of power supply
voltage and ambient temperature, most circuit functions
are guaranteed. Although the rated values of electrical
characteristics cannot be absolutely guaranteed, char-
acteristic values do not change drastically within the
proper ranges.
(2)
Power dissipation (Pd)
Refer to the thermal derating curve (Fig. 4) and the rough
estimation of IC power dissipation given on a separate
page. If power dissipation exceeds the allowable limit,
the functionality of IC will be degraded (such as reduction
of current capacity by increased chip temperature).
Make sure to use the IC within the allowable range of
power dissipation with a sufficient margin.
(3)
Preventing oscillation at each output
To stop oscillation of output, make sure to connect a ca-
pacitor having a capacitance of 1
µF or greater between
GND and each output pin. (To avoid the noise effect, lay
out the grounding close to the IC) Oscillation can occur
if capacitance is susceptible to temperature. We recom-
mend using a tantalum electrolytic capacitor with minimal
changes in capacitance.
(4)
Overcurrent protection circuit
An overcurrent protection circuit is installed in each out-
put system, based on the respective output current. This
prevents IC destruction by overcurrent, by limiting the
current with a curve shape of “7” in the voltage-current
graph. The IC is designed with margins so that current
flow will be restricted and latching will be prevented even
if a large current suddenly flows through a large capaci-
tor. Note that these protection circuits are only good for
preventing damage from sudden accidents. Make sure
your design does not cause the protection circuit to oper-
ate continuously under transitional conditions (for
instance, when output is clamped at 1VF or higher). Note
that the circuit ability is negatively correlated with temper-
ature.
(5)
Thermal protection circuit
A built-in thermal protection circuit prevents thermal
damage to the IC. All outputs are switched OFF when the
circuit operates, and revert to the original state when
temperature drops to a certain level.
(6)
Improving ripple rejection by capacitors
Ripple rejection of the 9V and 7V (current capacity = 1A)
outputs can be improved by installing a capacitor that re-
duces the AC gain.
(7)
Malfunction in intense electric fields
Note that bringing the IC into an intense electric field
(such as a radio relay station) may result in malfunction.


同様の部品番号 - BA3940A

メーカー部品番号データシート部品情報
logo
Rohm
BA3900 ROHM-BA3900 Datasheet
522Kb / 10P
   Power supply, standard voltage
BA3902 ROHM-BA3902 Datasheet
499Kb / 10P
   Power supply, standard voltage
BA3904A ROHM-BA3904A Datasheet
499Kb / 10P
   Power supply, standard voltage
BA3906 ROHM-BA3906 Datasheet
499Kb / 10P
   Power supply, standard voltage
BA3910 ROHM-BA3910 Datasheet
522Kb / 10P
   Power supply, standard voltage
More results

同様の説明 - BA3940A

メーカー部品番号データシート部品情報
logo
Rohm
BA3936 ROHM-BA3936 Datasheet
185Kb / 10P
   System power supply for CD radio cassette players
BA3938 ROHM-BA3938 Datasheet
102Kb / 8P
   System power supply for CD radio cassette players
BA3924 ROHM-BA3924 Datasheet
173Kb / 12P
   Power supply for CD radio cassette players
BA3870 ROHM-BA3870 Datasheet
199Kb / 14P
   BBS (bass boost system) for radio cassette players
logo
Toshiba Semiconductor
TC9309F-106 TOSHIBA-TC9309F-106 Datasheet
164Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-112 TOSHIBA-TC9309AF-112 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9314F-026 TOSHIBA-TC9314F-026 Datasheet
197Kb / 4P
   SINGLE CHIP DIGITAL TUNNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-119 TOSHIBA-TC9309AF-119 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
logo
Rohm
BD3871FS ROHM-BD3871FS Datasheet
94Kb / 3P
   Sound processor for CD radio cassette player
logo
Sanyo Semicon Device
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com