データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA5962FVM データシート(PDF) 1 Page - Rohm

部品番号 BA5962FVM
部品情報  Power driver for CD player
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA5962FVM データシート(HTML) 1 Page - Rohm

  BA5962FVM Datasheet HTML 1Page - Rohm BA5962FVM Datasheet HTML 2Page - Rohm BA5962FVM Datasheet HTML 3Page - Rohm BA5962FVM Datasheet HTML 4Page - Rohm BA5962FVM Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BA5962FVM
Optical disc ICs
1/5
Power driver for CD player
BA5962FVM
BA5962FVM is 1ch BTL power driver IC for CD / DVD. MSOP8 package enables the smallest configuration.
This IC enables reduction of external parts, built-in level shift circuit.
!
!
!
!
Applications
CD player
!
!
!
!
Features
1) 1ch BTL driver for CD / DVD.
2) MSOP8 package enables the smallest configuration.
3) Built in level shift circuit.
4) Built in thermal-shut-down circuit.
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
VCC
Pd
Topr
Tstg
18
0.55
−35~+85
−55~+150
V
W
°C
°C
∗ PCB (70mm×70mm×1.6mm, glass epoxy) mounting.
Reduce power by 4.4mW for each degree above 25
°C.
!
!
!
!
Recommended operating conditions (Set the power supply voltage taking allowable dissipation into considering)
Parameter
Symbol
Min.
Typ.
Max.
Unit
3
5
10
V
VCC
Power supply voltage


同様の部品番号 - BA5962FVM

メーカー部品番号データシート部品情報
logo
Rohm
BA5962FVM ROHM-BA5962FVM Datasheet
251Kb / 7P
   Power Driver For CD Players
BA5962FVM ROHM-BA5962FVM Datasheet
84Kb / 6P
   Power Driver For CD Players
BA5962FVM ROHM-BA5962FVM_1 Datasheet
251Kb / 7P
   Power Driver For CD Players
BA5962FVM ROHM-BA5962FVM_2 Datasheet
84Kb / 6P
   Power Driver For CD Players
More results

同様の説明 - BA5962FVM

メーカー部品番号データシート部品情報
logo
Rohm
BA6292 ROHM-BA6292 Datasheet
145Kb / 5P
   POWER DRIVER FOR CD PLAYER
BA5961FV ROHM-BA5961FV Datasheet
96Kb / 7P
   Power driver for CD player
logo
Toshiba Semiconductor
TA2125AF TOSHIBA-TA2125AF_03 Datasheet
118Kb / 7P
   Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N_01 Datasheet
165Kb / 7P
   Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N Datasheet
263Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2125AF TOSHIBA-TA2125AF Datasheet
101Kb / 7P
   Power Driver IC for CD Player
TA2058F TOSHIBA-TA2058F Datasheet
405Kb / 11P
   POWER DRIVER IC FOR CD PLAYER
TA8192F TOSHIBA-TA8192F Datasheet
224Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2092AN TOSHIBA-TA2092AN Datasheet
207Kb / 7P
   Power Driver IC for CD Player
TA8212F TOSHIBA-TA8212F Datasheet
253Kb / 6P
   4CH POWER DRIVER IC FOR CD PLAYER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com