データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA6219BFP-Y データシート(PDF) 5 Page - Rohm

部品番号 BA6219BFP-Y
部品情報  Reversible motor driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA6219BFP-Y データシート(HTML) 5 Page - Rohm

  BA6219BFP-Y Datasheet HTML 1Page - Rohm BA6219BFP-Y Datasheet HTML 2Page - Rohm BA6219BFP-Y Datasheet HTML 3Page - Rohm BA6219BFP-Y Datasheet HTML 4Page - Rohm BA6219BFP-Y Datasheet HTML 5Page - Rohm BA6219BFP-Y Datasheet HTML 6Page - Rohm BA6219BFP-Y Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
402
Motor driver ICs
BA6219B / BA6219BFP-Y
FOperation notes
(1)
A schematic for the internal circuit associated with
the output voltage setting pin (Pin 4) is shown in Fig. 7.
The maximum output voltage (VOMAX.) is given by :
VOMAX.=VCC1
* VSAT (Q1) * VBE (Q2) * VBE (Q3) * VBE (Q4)
For the condition of VR being equal to or less than
VOMAX., the relationship between the output voltage (VO)
and the pin 4 voltage is given by :
VO=VR
) {(VBE (Q5) ) VBE (Q6) ) VBE (Q7)) * (VBE (Q2) ) VBE
(Q3)
) VBE (Q4))}
Though
∆VBE depends on the output power supply, VO is
nearly equal to VR.
(2)
Thermal shutdown circuit
The thermal shutdown circuit turns off the driver output
if the chip temperature rises to about 180
_. The shut-
down signal is not latched.
(3)
Power supply impedance
When the motor stops or starts, a rush current flows in the
VCC and GND lines. Depending on the way of connect-
ing a power supply decoupling capacitor (100
µF), the
control input voltage may become a negative value or the
supply voltage may drop to below the output voltage.
This can cause erratic operations due to parasitic effects.
Make sure that pin voltages will not exceed the supply
voltage by more than 0.3V or will not become less than
the GND pin voltage by more than 0.3V.
(4)
VCC1, VCC2, and VR are related to each other as
shown in the output circuit diagram of Fig. 8. Their values
should be kept within the following ranges.
Operating supply voltage ranges
(1) When the output voltage control pin (pin 4) is used
VR < VCC1
* (VSAT (Q1) ) VBE (Q5) ) VBE (Q6) ) VBE (Q7)) VCC1
* 2.5V
VR < VCC2
* {(VSAT (Q3) * VBE (Q3) * VBE (Q2)) ) (VBE (Q5) )
VBE (Q6)
) VBE (Q7))}
VCC2
* 1V
(2) When the output voltage control pin (pin 4) is not
used, VR is either short-circuited to VCC1 or left OPEN.
(5)
Input circuit


同様の部品番号 - BA6219BFP-Y

メーカー部品番号データシート部品情報
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
   Motor driver with DC brush
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
312Kb / 11P
   Reversible motor drivers (up to 2A series)
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
637Kb / 9P
   DC Brush Motor Driver for Paper Feed or Carriage Use
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_09 Datasheet
312Kb / 11P
   Reversible motor drivers (up to 2A series)
More results

同様の説明 - BA6219BFP-Y

メーカー部品番号データシート部品情報
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
   Reversible motor driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
   Reversible Motor Driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
   Reversible motor driver
BA6247 ROHM-BA6247 Datasheet
121Kb / 6P
   Reversible motor driver
logo
Ceramate Technical
CMD6208 CERAMATE-CMD6208 Datasheet
86Kb / 3P
   Reversible Motor Driver
logo
Unisonic Technologies
UA9287 UTC-UA9287_12 Datasheet
146Kb / 4P
   REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com