データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA6398 データシート(PDF) 5 Page - Rohm

部品番号 BA6398
部品情報  4-channel BTL driver for CD players
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA6398 データシート(HTML) 5 Page - Rohm

  BA6398 Datasheet HTML 1Page - Rohm BA6398 Datasheet HTML 2Page - Rohm BA6398 Datasheet HTML 3Page - Rohm BA6398 Datasheet HTML 4Page - Rohm BA6398 Datasheet HTML 5Page - Rohm BA6398 Datasheet HTML 6Page - Rohm BA6398 Datasheet HTML 7Page - Rohm BA6398 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
344
Optical disc ICs
BA6398FP
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 8V, f = 1kHz, RL = 8Ω)
FCircuit operation
(1)
Driver
Inputs to the IC are the focus tracking error signal from
the servo preamplifier and the control signal from the mo-
tor. The input signals, which normally center on 2.5V, are
V / I converted by the preamplifier, generating a current
corresponding to the input voltage. This current is
passed through a resistor and into the internal reference
voltage component, the preamplifier output being a sig-
nal centering on the internal reference voltage. Two sys-
tems (positive phase and negative phase) are created
during V / I conversion, generating BTL output via the
driver buffer.


同様の部品番号 - BA6398

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BA6398FP ETC2-BA6398FP Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

同様の説明 - BA6398

メーカー部品番号データシート部品情報
logo
Rohm
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
   4-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
   4-channel BTL driver for CD players
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
   4-channel BTL driver for CD players
BA6790FP ROHM-BA6790FP Datasheet
134Kb / 7P
   4-channel BTL driver for CD players
BA6797FP ROHM-BA6797FP Datasheet
164Kb / 10P
   4-channel BTL driver for CD players
BA5937AFP ROHM-BA5937AFP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
   4-channel BTL driver for CD players
BA6198S ROHM-BA6198S Datasheet
186Kb / 10P
   4-channel BTL driver for CD players
BA6397FP ROHM-BA6397FP Datasheet
131Kb / 8P
   4-channel BTL driver for CD players
BA5915FP ROHM-BA5915FP Datasheet
148Kb / 9P
   4-channel BTL driver for CD players
BA6297AFP ROHM-BA6297AFP Datasheet
107Kb / 6P
   4-channel BTL driver for CD players
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com