データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA6398 データシート(PDF) 7 Page - Rohm

部品番号 BA6398
部品情報  4-channel BTL driver for CD players
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA6398 データシート(HTML) 7 Page - Rohm

  BA6398 Datasheet HTML 1Page - Rohm BA6398 Datasheet HTML 2Page - Rohm BA6398 Datasheet HTML 3Page - Rohm BA6398 Datasheet HTML 4Page - Rohm BA6398 Datasheet HTML 5Page - Rohm BA6398 Datasheet HTML 6Page - Rohm BA6398 Datasheet HTML 7Page - Rohm BA6398 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
346
Optical disc ICs
BA6398FP
FOperation notes
(1)
The BA6398FP has an internal thermal shutdown
circuit. Output current is muted when the chip tempera-
ture exceeds 175
_C (typically).
(2)
If the mute pin (pin 7) voltage is opened or lowered
below 0.5V, the output current will be muted. Pin 7 should
be pulled up above 2.0V during normal use.
(3)
The bias pin (pin 23) is muted when lowered below
1.4V (typically). Make sure it stays above 1.6V during
normal use.
(4)
The driver circuit shuts down when the supply volt-
age drops below 4.5V (typically), and starts up again
when the voltage rises above 4.7V (typically).
(5)
Muting occurs during thermal shutdown, mute-on
operations or a drop in the bias pin voltage or supply volt-
age. In each case, only the drivers are muted. During
muting, the output pins remain at the internal bias volt-
age, roughly (VCC–VF)/2.
(6)
The internal input resistor has a positive tempera-
ture coefficient of roughly 2000ppm / degree, and so
when changing the gain using an attached resistor, gain
will also change at a rate of roughly 2000ppm / degree.
There is virtually no gain variation due to temperature
when using the internal input resistor.
(7)
Be sure to connect the IC to a 0.1
µF bypass capaci-
tor to the power supply, at the base of the IC.
(8)
The radiating fin is connected to the package’s in-
ternal GND, but should also be connected to an external
ground.
(9)
The capacitor between regulator output (pin 6) and
GND also serves to prevent oscillation of the IC, so select
one with good temperature characteristics.
FElectrical characteristic curves


同様の部品番号 - BA6398

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BA6398FP ETC2-BA6398FP Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

同様の説明 - BA6398

メーカー部品番号データシート部品情報
logo
Rohm
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
   4-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
   4-channel BTL driver for CD players
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
   4-channel BTL driver for CD players
BA6790FP ROHM-BA6790FP Datasheet
134Kb / 7P
   4-channel BTL driver for CD players
BA6797FP ROHM-BA6797FP Datasheet
164Kb / 10P
   4-channel BTL driver for CD players
BA5937AFP ROHM-BA5937AFP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
   4-channel BTL driver for CD players
BA6198S ROHM-BA6198S Datasheet
186Kb / 10P
   4-channel BTL driver for CD players
BA6397FP ROHM-BA6397FP Datasheet
131Kb / 8P
   4-channel BTL driver for CD players
BA5915FP ROHM-BA5915FP Datasheet
148Kb / 9P
   4-channel BTL driver for CD players
BA6297AFP ROHM-BA6297AFP Datasheet
107Kb / 6P
   4-channel BTL driver for CD players
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com