データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA6970 データシート(PDF) 8 Page - Rohm

部品番号 BA6970
部品情報  2-phase motor driver for VCR cylinder motors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA6970 データシート(HTML) 8 Page - Rohm

  BA6970 Datasheet HTML 1Page - Rohm BA6970 Datasheet HTML 2Page - Rohm BA6970 Datasheet HTML 3Page - Rohm BA6970 Datasheet HTML 4Page - Rohm BA6970 Datasheet HTML 5Page - Rohm BA6970 Datasheet HTML 6Page - Rohm BA6970 Datasheet HTML 7Page - Rohm BA6970 Datasheet HTML 8Page - Rohm BA6970 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
601
Motor driver ICs
BA6970FS
(3)
ECI input
The ECI input circuit has 2VF and a 500
Ω resistor con-
nected in series. Current is limited only by the 500
Ω re-
sistor.
(4)
Amplifiers 1 and 2
An input range of 0.6V to (VCC
*1.2V) is recommended.
Unpredictable outputs may occur when the input is out-
side this range.
(5)
Hysteresis amplifier
An input range of 0.6V to (VCC
*1.2V) is recommended.
Unpredictable outputs may occur when the input is out-
side this range.
(6)
Thermal shutdown circuit
The thermal shutdown circuit puts the driver outputs (8,
6, 5, 3 pin) to the open state at the temperature of 175
_C
(typical). The circuit is deactivated when the temperature
drops to about 155
_C.
(7)
Signal ground pin
Pins 1 and 24 are signal ground pins. Be noted that un-
predictable outputs may occur if your application causes
a large current between pins 1 and 24 via the bonding
wire IC chip.
FApplication example
Fig.12


同様の部品番号 - BA6970

メーカー部品番号データシート部品情報
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6901F ROHM-BA6901F Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F Datasheet
602Kb / 21P
   Two-phase Full-wave DC Brushless Fan Motor Drivers
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_11 Datasheet
110Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

同様の説明 - BA6970

メーカー部品番号データシート部品情報
logo
Rohm
BA6825FS ROHM-BA6825FS Datasheet
103Kb / 6P
   2-phase motor driver for VCR cylinder motors
logo
Sanyo Semicon Device
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
   3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6239A ROHM-BA6239A Datasheet
272Kb / 5P
   Reversible Motor Driver for 2 motors
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com