データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA7062 データシート(PDF) 5 Page - Rohm

部品番号 BA7062
部品情報  SYNC separator IC with AFC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA7062 データシート(HTML) 5 Page - Rohm

  BA7062 Datasheet HTML 1Page - Rohm BA7062 Datasheet HTML 2Page - Rohm BA7062 Datasheet HTML 3Page - Rohm BA7062 Datasheet HTML 4Page - Rohm BA7062 Datasheet HTML 5Page - Rohm BA7062 Datasheet HTML 6Page - Rohm BA7062 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Multimedia ICs
BA7062F
Application example
(1) Connect pin 1 to GND via a 120k
Ω (approx.) resistor. Leave pins 2, 4 and 8 open.
(2) SYNC output polarity (pin 3) is positive.
(3) The delay time for rising edge of the SYNC output (pin 3) with respect to the falling edge of Sync for the Vsig
input signal (pin 6) is 850ns (reference value).
(4) The delay time for falling edge of the SYNC output (pin 3) with respect to the rising edge of Sync for the Vsig
input signal (pin 6) is 450ns (reference value).
Attached components
Resistor R1 should have a tolerance of ± 2%, and a temperature coefficient of 100ppm or lower.
• When SYNC SEPA output only is used. HD and VD unused.
Fig. 9
100p
C4
R1
R2
470k
130k
10k
VD
SYNC
HD
H.OSC
PHASE
COMP
SYNC
SEPA
8
7
6
1
2
3
4
C3
10k
1
µ
R3
C2
+
C5
C6
47
µ
0.022
µ
+
C7
C1
R4
330
1
µ
R5
470k
+
+
+
5
V.SEPA
Vsig
VCC = 5V
VCC = 5V
470k
R2
R3
10k
8
C2
C3-2
0.47
µ
C3-1
0.47
µ
2200p
VCC
By configuring the circuit enclosed in the dotted line to that in the
diagram on the right, you can decrease the lock-in time and increase
the capture range.
R1
120k
10k
VD
SYNC
HD
H.OSC
PHASE
COMP
SYNC
SEPA
8
7
6
1
2
3
4
C5
C6
47
µ
0.022
µ
+
C7
C1
R4
330
1
µ
R5
470k
+
5
V.SEPA
Vsig
VCC = 5V
VCC = 5V
Fig. 10


同様の部品番号 - BA7062

メーカー部品番号データシート部品情報
logo
Rohm
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7004 ROHM-BA7004 Datasheet
91Kb / 4P
   Test pattern generator
BA7007 ROHM-BA7007 Datasheet
86Kb / 4P
   SECAM discriminator IC
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
logo
List of Unclassifed Man...
BA7021 ETC2-BA7021 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

同様の説明 - BA7062

メーカー部品番号データシート部品情報
logo
Rohm
BA7071F ROHM-BA7071F Datasheet
75Kb / 7P
   SYNC separator IC with AFC
BA7046 ROHM-BA7046 Datasheet
92Kb / 7P
   SYNC separator IC with AFC
logo
Mitsumi Electronics, Co...
LVA519 MITSUMI-LVA519 Datasheet
169Kb / 8P
   Sync Separator with AFC Monolithic IC
logo
Rohm
BA7046F ROHM-BA7046F Datasheet
159Kb / 5P
   Sync. Separator With AFC
BA7071F ROHM-BA7071F_1 Datasheet
186Kb / 6P
   Sync. Separator With AFC
logo
Sanyo Semicon Device
LA7217 SANYO-LA7217_11 Datasheet
57Kb / 4P
   Synchronizing Signal Separator with AFC and Sync Detector
LA7217 SANYO-LA7217 Datasheet
73Kb / 4P
   Synchronzing Signal Separator with AFC and Sync Detector
logo
New Japan Radio
NJM2257 NJRC-NJM2257 Datasheet
287Kb / 9P
   SYNCHRONOUS SEPARATOR WITH AFC
logo
Mitsumi Electronics, Co...
MM1109 MITSUMI-MM1109 Datasheet
128Kb / 5P
   No-adjustment Sync Separator Monolithic IC
MM1068 MITSUMI-MM1068 Datasheet
138Kb / 5P
   No-adjustment Sync Separator Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com