データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA7242F データシート(PDF) 3 Page - Rohm

部品番号 BA7242F
部品情報  Color TV signal encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA7242F データシート(HTML) 3 Page - Rohm

  BA7242F Datasheet HTML 1Page - Rohm BA7242F Datasheet HTML 2Page - Rohm BA7242F Datasheet HTML 3Page - Rohm BA7242F Datasheet HTML 4Page - Rohm BA7242F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Multimedia ICs
BA7242F
Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5V, SCIN = 3.579545MHz, NT / PAL = 5V)
Parameter
Symbol
Min.
23
0.63
0.19
0.37
Typ.
0.70
0.21
0.41
Max.
45
0.77
0.23
ICC
υL
υL(R)
υL(G)
Current consumption
Luminance level
Luminance level R
Luminance level G
Unit
mA
VP-P
VP-P
VP-P
Conditions
υRI = υ GI = υ BI = 0.7VP-P
υRI = 0.7VP-P2
υGI = 0.7VP-P2
υBI = 0.7VP-P2
0.07
0.08
0.45
υL(B)
Luminance level B
VP-P
0.27
0.30
0.09
υS
R S / L
Synchronization level
VP-P
0.38
2.84
2.65
94
2.01
231
337
0.26
125
215
225
145
0.9
1.60
2.20
1.35
1.75
2.15
3.00
V
2.0
V
0.43
3.16
2.95
2.24
104
241
347
0.29
135
1.0
2.00
2.60
0.33
0.48
3.48
3.25
2.47
114
251
357
0.32
35
235
deg
1.1
2.40
R R / BU
R G / BU
R B / BU
θR
θG
θB
υBU
υCL
θBU +
θBU –
R BU
V YO
V CO
V VO
V IH
V IL
V IH
V IL
0.8
300
200
V
µA
µA
With 0V applied
With 5V applied
Synchronization /
luminance level ratio
Red / burst level ratio
Green / burst level ratio
Blue / burst level ratio
Red phase
Green phase
Blue phase
Burst level
deg
2
2
2
4
3
deg
deg
VP-P
mVP-P
deg
V
V
RYO =
υYS / υYL
υRI = 0.7VP-P2
υGI = 0.7VP-P2
υBI = 0.7VP-P2
NT / PAL = 0V2
NT / PAL = 0V2
NT / PAL = 0V2
Carrier leak
PAL burst phase
PAL burst ratio
YOUT DC voltage
COUT DC voltage
VOUT DC Voltage
High level input voltage
SYNC, BFP, NT / PAL
Low level input voltage
SYNC, BFP, NT / PAL
Input current during high
SYNC, BFP, NT / PAL
Input current during low
SYNC, BFP, NT / PAL
34
YOUT
VOUT
COUT
VOUT
2 Guaranteed design with these parameters
3 Measured using a 3.58MHz BPF for 3.5µs after the burst.
4 Measured using a 3.58MHz BPF.
Not designed for radiation resistance


同様の部品番号 - BA7242F

メーカー部品番号データシート部品情報
logo
Rohm
BA7207 ROHM-BA7207 Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
BA7207AK ROHM-BA7207AK Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
BA7230 ROHM-BA7230 Datasheet
138Kb / 8P
   NTSC color TV signal encoder
BA7230LS ROHM-BA7230LS Datasheet
138Kb / 8P
   NTSC color TV signal encoder
More results

同様の説明 - BA7242F

メーカー部品番号データシート部品情報
logo
Rohm
BH7236AF ROHM-BH7236AF_1 Datasheet
269Kb / 6P
   Color TV signal encoder
BA7232FS ROHM-BA7232FS Datasheet
74Kb / 6P
   Color TV Signal Encoder
BH7236AF ROHM-BH7236AF Datasheet
71Kb / 6P
   Color TV Signal Encoder
BH7240AKV ROHM-BH7240AKV Datasheet
92Kb / 9P
   Color TV signal encoder
BH7240AKV ROHM-BH7240AKV_1 Datasheet
297Kb / 6P
   Color TV signal encoder
BA7230LS ROHM-BA7230LS Datasheet
138Kb / 8P
   NTSC color TV signal encoder
logo
Hitachi Semiconductor
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
logo
New Japan Radio
NJW1300A NJRC-NJW1300A Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
logo
Winbond
W9952QP WINBOND-W9952QP Datasheet
30Kb / 1P
   TV ENCODER
logo
Panasonic Semiconductor
AN5415 PANASONIC-AN5415 Datasheet
158Kb / 3P
   Color TV Deflection Signal Processing Circuits
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com