データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA7622F データシート(PDF) 5 Page - Rohm

部品番号 BA7622F
部品情報  75??driver IC with 3 internal circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA7622F データシート(HTML) 5 Page - Rohm

  BA7622F Datasheet HTML 1Page - Rohm BA7622F Datasheet HTML 2Page - Rohm BA7622F Datasheet HTML 3Page - Rohm BA7622F Datasheet HTML 4Page - Rohm BA7622F Datasheet HTML 5Page - Rohm BA7622F Datasheet HTML 6Page - Rohm BA7622F Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Multimedia ICs
BA7622F
Measurement conditions
IN1
IN2
IN3
OUT1
OUT2
OUT3
SWA
SWB
SWC
SWD
SWE
SWF
333
×××
Vom12
1333
××
1
Vom22
313
×
3
×
Vom32
331
××
3
Gv12
1333
××
2
Gv22
313
×
3
×
Gv32
331
××
3
f12
1333
××
f22
3
1
3
×
3
×
f32
3
3
1
××
3
CT112
1
3
3
×
3
×
CT113
1
3
3
××
3
CT211
3133
××
CT213
3
1
3
××
3
CT311
3313
××
CT312
3
3
1
×
3
×
THD12
1333
××
4
THD22
313
×
3
×
THD32
331
××
3
ZIN3
3
3
4
×
×
×
3
ICC
Parameter
Symbol
Conditions
1: Connect a distortion meter to the output, and input a f = 1kHz sine wave. Adjust the input level until the output distortion is 0.5%. This output voltage
at this time is the maximum output level Vom (VP-P).
2: Input a 2.0VP-P, 1MHz sine wave. The voltage gain is given by GV = 20 log (VOUT / VIN).
3: Measure the input pin voltage VIN50 when a current of DC50µA is flowing into the input pin. Measure the input pin open-circuit voltage VIN0.
The input impedance is given by Z = (VIN50 - VIN0) / 50
10-6[Ω].
4: Input a 1.0VP-P, 1kHz sine wave. Connect a distortion meter to the output and measure the total-harmonic distortion.
Current dissipation
Maximum output level
Voltage gain
Frequency characteristic
Interchannel crosstalk
Total-harmonic distortion
Input resistance
×: Any of switches 1, 2, or 3 possible.


同様の部品番号 - BA7622F

メーカー部品番号データシート部品情報
logo
Rohm
BA7622F ROHM-BA7622F Datasheet
434Kb / 17P
   Standard 3-output Video Driver
BA7622F ROHM-BA7622F_09 Datasheet
434Kb / 17P
   Standard 3-output Video Driver
More results

同様の説明 - BA7622F

メーカー部品番号データシート部品情報
logo
Rohm
BA7623F ROHM-BA7623F Datasheet
68Kb / 6P
   75??driver IC with 3 internal circuits
logo
Unisonic Technologies
A7623 UTC-A7623_15 Datasheet
130Kb / 6P
   DRIVER IC WITH 3 INTERNAL CIRCUITS
A7623 UTC-A7623 Datasheet
125Kb / 6P
   2횞75??DRIVER IC WITH 3 INTERNAL CIRCUITS
logo
New Japan Radio
NJM2244M-TE1 NJRC-NJM2244M-TE1 Datasheet
145Kb / 5P
   3-INPUT VIDEO SWITCH WITH 75 DRIVER
logo
Rohm
BA7660FS ROHM-BA7660FS Datasheet
72Kb / 6P
   3-channel 75??driver
logo
List of Unclassifed Man...
HX8609A ETC1-HX8609A Datasheet
138Kb / 2P
   240 Channel TFT Gate Driver with Internal Power IC
logo
Rohm
BA7665FS ROHM-BA7665FS Datasheet
91Kb / 8P
   3-channel 75??driver with Y / C MIX
logo
Unisonic Technologies
M3366 UTC-M3366_11 Datasheet
202Kb / 6P
   3-INPUT VIDEO SWITCH WITH 75廓 DRIVER
logo
Micrel Semiconductor
MIC3003GFL MICREL-MIC3003GFL Datasheet
752Kb / 74P
   FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003_11 Datasheet
755Kb / 75P
   FOM Management IC with Internal Calibration
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com