データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA7795 データシート(PDF) 7 Page - Rohm

部品番号 BA7795
部品情報  VCR standard audio signal processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA7795 データシート(HTML) 7 Page - Rohm

Back Button BA7795 Datasheet HTML 3Page - Rohm BA7795 Datasheet HTML 4Page - Rohm BA7795 Datasheet HTML 5Page - Rohm BA7795 Datasheet HTML 6Page - Rohm BA7795 Datasheet HTML 7Page - Rohm BA7795 Datasheet HTML 8Page - Rohm BA7795 Datasheet HTML 9Page - Rohm BA7795 Datasheet HTML 10Page - Rohm BA7795 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Video ICs
BA7795LS / BA7795FS
(3) Playback operation
The signal applied to PB IN is amplified by playback
equalizer amplifier. At this time, the REC HEAD switch
is switched on by a control signal to REC / EE, and the
potential on one side of the head is fixed at GND . The
playback equalizer amplifier gain and equalizer charac-
teristics are set externally. The playback level is set by
the resistor divider between PB OUT and the playback
line input, The signal to the playback line input passes
though the input switch, is amplified by 20dB in the line
amplifier, and is output to the output buffer (the voltage
gain is different to that for the LINE input and TUNER
input).
It is possible to switch between the input block head
equalizer resonance point and playback equalizer char-
acteristic using the EQ CTRL control signal.
The line output can be stopped by setting muting mode
on using the MUTE CTRL signal. The ALC circuit and
recording amplifier are stopped in playback mode.
Signal flow for playback operation
1
3
5
7
9
11
13
15
17
19
21
23
2
4
6
8
10
12
14
16
18
20
22
24
+
+
+
+
+
REC + B
22
µ
33
µ
22
µ
10
µ
0.1
µ
47
µ
0.01
µ
39k
ALC
LINE
3.3
µ
330k
330k
12k
8.2k
4.7k
4.7k
0.1
µ
VCC
REC
– 20dB
2.2M
4.7k
8.2k
15k
1.5k
10
µ
+ 28dB
0.1
µ
REC / EE CTRL
EQ CTRL
PB / TU / EE
CTRL
MUTE
CTRL
BIAS
OSC
LINE IN
TUNER IN
LINE OUT
BA7795LS
C [F]
Units: R [
Ω]
The BA7795FS has a different pin layout to the BA7795LS.
Fig. 4 Signal flow for playback


同様の部品番号 - BA7795

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BA779 VISHAY-BA779 Datasheet
54Kb / 4P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
BA779 VISHAY-BA779 Datasheet
156Kb / 5P
   RF PIN Diodes - Single in SOT23
Rev. 1.7, 19-Feb-07
logo
Guangdong Kexin Industr...
BA779 KEXIN-BA779 Datasheet
35Kb / 1P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BA779 INFINEON-BA779 Datasheet
62Kb / 5P
   Current-controlled RF resistor for switching and attenuating applications
2007-04-19
logo
Vishay Siliconix
BA779-2 VISHAY-BA779-2 Datasheet
98Kb / 4P
   RF PIN Diodes - Dual in SOT-23
Rev. 1.6, 14-Apr-05
More results

同様の説明 - BA7795

メーカー部品番号データシート部品情報
logo
Rohm
BA7796FS ROHM-BA7796FS Datasheet
128Kb / 10P
   VCR standard audio signal processor
BA7797F ROHM-BA7797F Datasheet
108Kb / 8P
   VCR standard audio signal processor
logo
Sanyo Semicon Device
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
   VCR Audio Signal Recording and Playback Processor
LA7289 SANYO-LA7289 Datasheet
210Kb / 11P
   VCR Audio Signal Record and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
   VCR Audio Signal Recording and Playback Processor?
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Sanyo Semicon Device
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
   VCR VHS Chroma Signal Processor
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com