データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAOOT データシート(PDF) 4 Page - Rohm

部品番号 BAOOT
部品情報  Low saturation voltage type 3-pin regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BAOOT データシート(HTML) 4 Page - Rohm

  BAOOT Datasheet HTML 1Page - Rohm BAOOT Datasheet HTML 2Page - Rohm BAOOT Datasheet HTML 3Page - Rohm BAOOT Datasheet HTML 4Page - Rohm BAOOT Datasheet HTML 5Page - Rohm BAOOT Datasheet HTML 6Page - Rohm BAOOT Datasheet HTML 7Page - Rohm BAOOT Datasheet HTML 8Page - Rohm BAOOT Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BAOOT / FP series
Regulator ICs
BA06T / FP (unless otherwise noted, Ta = 25
°C, VCC = 11V, IO = 500mA) (under development)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
-
Measurement
circuit
5.7
6.0
6.3
V
Fig.1
Reg.I
-
20
100
mV
VIN = 7
→25V
Fig.1
R.R.
45
55
-
dB
Fig.2
Reg.L
-
50
150
mV
Fig.1
-
±0.02
-
Fig.1
Vd
-
0.3
0.5
V
Ib
-
2.5
5.0
mA
1.0
1.5
-
A
Tj = 25
°C
Fig.1
-
0.4
-
A
VO1
Tcvo
IO-P
Ios
Io = 5mA
→1A
Vcc = 0.95V
Io = 0mA
Fig.5
Fig.4
Fig.3
eIN = 1Vrms, f = 120Hz, Io = 100mA
Io = 5mA, Tj = 0125
°C
Vcc = 25V
% /
°C
Input stability
Ripple rejection ratio
Load regulation
Temperature coefficient of output voltage
Dropout voltage
Bias current
Peak output current
Output short-circuit current
Output voltage
BA07T / FP (unless otherwise noted, Ta = 25
°C, VCC = 12V, IO = 500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
-
Measurement
circuit
6.65
7.0
7.35
V
Fig.1
Reg.I
-
20
100
mV
VIN = 8
→25V
Fig.1
R.R.
45
55
-
dB
Fig.2
Reg.L
-
50
150
mV
Fig.1
-
±0.02
-
Fig.1
Vd
-
0.3
0.5
V
Ib
-
2.5
5.0
mA
1.0
1.5
-
A
Tj = 25
°C
Fig.1
-
0.4
-
A
VO1
Tcvo
IO-P
Ios
Io = 5mA
→1A
Vcc = 0.95VO
Io = 0mA
Fig.5
Fig.4
Fig.3
eIN = 1Vrms, f = 120Hz, Io = 100mA
Io = 5mA, Tj = 0~125
°C
Vcc = 25V
% /
°C
Input stability
Ripple rejection ratio
Load regulation
Temperature coefficient of output voltage
Dropout voltage
Bias current
Peak output current
Output short-circuit current
Output voltage
BA08T / FP (unless otherwise noted, Ta = 25
°C, VCC = 13V, IO = 500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
-
Measurement
Circuit
7.6
8.0
8.4
V
Fig.1
Reg.I
-
20
100
mV
VIN = 9
→25V
Fig.1
R.R.
45
55
-
dB
Fig.2
Reg.L
-
50
150
mV
Fig.1
-
±0.02
-
Fig.1
Vd
-
0.3
0.5
V
Ib
-
2.5
5.0
mA
1.0
1.5
-
A
Tj = 25
°C
Fig.1
-
0.4
-
A
VO1
Tcvo
IO-P
Ios
Io = 5mA
→1A
Vcc = 0.95VO
Io = 0mA
Fig.5
Fig.4
Fig.3
eIN = 1Vrms, f = 120Hz, Io = 100mA
Io = 5mA, Tj = 0~125
°C
Vcc = 25V
% /
°C
Input stability
Ripple rejection ratio
Load regulation
Temperature coefficient of output voltage
Dropout voltage
Bias current
Peak output current
Output short-circuit current
Output voltage


同様の部品番号 - BAOOT

メーカー部品番号データシート部品情報
logo
Rohm
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
More results

同様の説明 - BAOOT

メーカー部品番号データシート部品情報
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
ELM Electronics
ELM99XXXA ELM-ELM99XXXA Datasheet
313Kb / 19P
   LOW SATURATION VOLTAGE REGULATOR
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
logo
Mitsumi Electronics, Co...
MM1320 MITSUMI-MM1320 Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com