データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2615FS データシート(PDF) 7 Page - Rohm

部品番号 BU2615FS
部品情報  PLL frequency synthesizer for tuners
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU2615FS データシート(HTML) 7 Page - Rohm

  BU2615FS Datasheet HTML 1Page - Rohm BU2615FS Datasheet HTML 2Page - Rohm BU2615FS Datasheet HTML 3Page - Rohm BU2615FS Datasheet HTML 4Page - Rohm BU2615FS Datasheet HTML 5Page - Rohm BU2615FS Datasheet HTML 6Page - Rohm BU2615FS Datasheet HTML 7Page - Rohm BU2615FS Datasheet HTML 8Page - Rohm BU2615FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
131
Audio ICs
BU2615S / BU2615FS
FFrequency counter
(1)
Structure
(2)
How the frequency counter operates
When control data CT equals 1, the 20-bit counter and
the amp go into operation. When CT equals 0, input pull-
down and the counter are reset. Measuring time (gate
pulse) is selected (16ms / 32ms) on the basis of control
data GT. When control data CT equals 0, the counter is
reset.
(3)
Explanation of output data
D0: LSB
D19: MSB
How the unlock detection circuit operates
When control data GT equals 1, or CT equals 1, the un-
lock detection circuit goes into operation for 8ms. When
CT equals 1, the unlock detection circuits stops operating
before the frequency counter gate pulse is emitted.
When CT equals 0, or GT equals 0, the unlock detection
circuit is reset.
Explanation of output data


同様の部品番号 - BU2615FS

メーカー部品番号データシート部品情報
logo
Rohm
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 89P
   High PSRR is attained by built-in regulator
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26154MUV-E2 ROHM-BU26154MUV-E2 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26154MUV ROHM-BU26154MUV_15 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26156RFS ROHM-BU26156RFS Datasheet
1Mb / 95P
   Monoraul MIC Input with ALC
More results

同様の説明 - BU2615FS

メーカー部品番号データシート部品情報
logo
Rohm
BU2616F ROHM-BU2616F Datasheet
108Kb / 5P
   PLL frequency synthesizer for tuners
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2624AF ROHM-BU2624AF Datasheet
136Kb / 9P
   PLL frequency synthesizer for tuners
BU2618FV ROHM-BU2618FV Datasheet
138Kb / 8P
   PLL frequency synthesizer for tuners
BU2614 ROHM-BU2614 Datasheet
132Kb / 9P
   PLL frequency synthesizer for tuners
logo
Sanyo Semicon Device
LC72191 SANYO-LC72191 Datasheet
194Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
   Controller for PLL Frequency Synthesizer?
logo
Toshiba Semiconductor
TB31245FN TOSHIBA-TB31245FN Datasheet
267Kb / 8P
   PLL FREQUENCY SYNTHESIZER FOR PHS
logo
Sanyo Semicon Device
LC7020AK SANYO-LC7020AK Datasheet
484Kb / 22P
   Controller for PLL Frequency Synthesizer
logo
Samsung semiconductor
S5T8809 SAMSUNG-S5T8809 Datasheet
123Kb / 14P
   PLL FREQUENCY SYNTHESIZER FOR PAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com