データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMH2 データシート(PDF) 2 Page - Rohm

部品番号 EMH2
部品情報  General purpose (dual digital transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

EMH2 データシート(HTML) 2 Page - Rohm

  EMH2 Datasheet HTML 1Page - Rohm EMH2 Datasheet HTML 2Page - Rohm EMH2 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMH2 / UMH2N / IMH2A
Transistors
!
!
!
!
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
VCC
50
V
VIN
−10
40
V
IO
30
mA
IC(Max.)
100
Tstg
−55~+150
°C
Pd
EMH2,UMH2N
150 (TOTAL)
mW
IMH2A
300 (TOTAL)
Tj
150
°C
1
2
Supply voltage
Input voltage
Output current
Junction temperature
Storage temperature
Power
dissipation
1 120mW per element must not be exceeded.
2 200mW per element must not be exceeded.
!
!
!
!
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
GI
R1
Min.
3
68
32.9
0.1
47
0.5
0.3
0.18
61.1
V
VCC=5V, IO=100
µA
VO=0.3V, IO=2mA
IO/II=10mA/0.5mA
VI=5V
VO=5V, IO=5mA
V
mA
IO(off)
−−
0.5
VCC=50V, VI=0V
µA
k
R2
/R1
0.8
1
1.2
Typ.
Max.
Unit
Conditions
fT
250
VCE=10mA, IE=
−5mA, f=100MHz
MHZ
Input voltage
Output voltage
Input current
DC current gain
Transition frequency
Input resistance
Output current
Resistance ratio
Transition frequency of the device
!
!
!
!
Electrical characteristic curves
VO=0.3V
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m100m
100
50
20
10
5
2
1
500m
200m
100m
OUTPUT CURRENT : IO
(A)
25
°C
100
°C
Ta=
−40°C
Fig.1 Input voltage vs. output current
(ON characteristics)
VCC=5V
0.5
1.0
1.5
2.0
2.5
3.0
0
10m
5m
2m
1m
500
µ
200
µ
100
µ
50
µ
20
µ
10
µ
5
µ
1
µ
2
µ
INPUT VOLTAGE : VI (off) (V)
Ta=100
°C
25
°C
−40°C
Fig.2 Output current vs. input voltage
(OFF characteristics)
OUTPUT CURRENT : IO
(A)
VO=5V
100
µ 200µ 500µ1m 2m
5m 10m 20m 50m100m
1k
500
200
100
50
20
10
5
2
1
Fig.3 DC current gain vs. output
current
Ta=100
°C
25
°C
−40°C


同様の部品番号 - EMH2

メーカー部品番号データシート部品情報
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMH2 ROHM-EMH2 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH2 ROHM-EMH2 Datasheet
681Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
EMH2 ROHM-EMH2 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
EMH2 JIANGSU-EMH2 Datasheet
3Mb / 3P
   Dual Digital Transistors (NPNNPN)
More results

同様の説明 - EMH2

メーカー部品番号データシート部品情報
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com